Electronic Components Datasheet Search |
|
R75QF2820AA70J Datasheet(PDF) 5 Page - Kemet Corporation |
|
R75QF2820AA70J Datasheet(HTML) 5 Page - Kemet Corporation |
5 / 26 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com F3106_R75 • 5/20/2014 5 Film Capacitors – Polypropylene Pulse/High Frequency Capacitors R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade) Performance Characteristics Dielectric Polypropylenefilm Plates Metal layer deposited by evaporation under vacuum Winding Non-inductive type Leads Tinned wire Protection Plasticcase,thermosettingresinfilled.BoxmaterialissolventresistantandflameretardantaccordingtoUL94. Related Documents IEC 60384-16 Sections 1 3 Rated Voltage V R (VDC) 160 160 250 250 400 400 630 630 1000 1000 1250 1600 2000 Rated Voltage V R (VAC) 70 90 140 160 200 220 220 250 250 400 600 650 700 Capacitance Range (µF) 0.1 – 0.33 0.068 – 33 0.068 – 0.22 0.027 – 33 0.027 – 0.068 0.01 – 15 0.01 – 0.027 0.001 – 8.2 0.012 – 3.9 0.00022 – 0.0082 0.0082 – 2.2 0.0039 – 1.5 0.001 – 1 Capacitance Values E12series(IEC60063)measured@1kHzand+20±1°C Capacitance Tolerance ±5%, ±10%, ±20% Operating Temperature Range -55°Cto+105°C Rated Temperature T R +85°C Voltage Derating Above+85°CDCandACvoltagederatingis1.25%/°C Climatic Category 55/105/56 IEC 60068-1 Averagerelativehumidity≤75% RH = 95% for 30 days per year RH = 85% for further days limited by average value per year Test Voltage 1.6 x V RVDCfor2seconds(betweenterminations)@+25°C±5°C Capacitance Drift Maximum0.5%aftera2yearstorageperiodatatemperatureof+10°Cto+40°Candarelativehumidityof40%to60% Maximum Pulse Steepness dV/dt according to Table 1. For peak to peak voltages lower than rated voltage (Vpp <V R),thespecifieddv/dt can be multiplied by the factor V R/Vpp TemperatureCoefficient -(200±100)ppm/°Cat1kHz Self Inductance (Lead Length ~ 2 mm) Lead Spacing (mm) 7.5 10 15 22.5 27.5 37.5 L(nH)≈ 8 9 10 18 18 20 Maximum 1 nH per 1 mm lead and capacitor length. DissipationFactortanδ MaximumValues@25°C±5°C Frequency C≤0.1µF 0.1µF<C≤1.0 µF 1.0µF<C≤4.7 µF C > 4.7 µF 1 kHz 0.04% 0.05% 0.06% 0.10% 10 kHz 0.06% 0.08% - - 100 kHz 0.25% - - - |
Similar Part No. - R75QF2820AA70J |
|
Similar Description - R75QF2820AA70J |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |