Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03CK020-150 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 03CK020-150
Description  RPC-3.50 Calibration Kit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

03CK020-150 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  03CK020-150 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 03CK020-150 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 03CK020-150 Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data Sheet
RPC-3.50
Calibration Kit
LRL Version
03CK020-150
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
1 / 3
Contents
Device
Part number
Remarks
QTY
Calibration
Option
a
15 mm Air line plug/jack
03S101-K015
L1
1
FC
20 mm Air line plug/jack
03S101-K020
L2
1
FC
38.5 mm Air line
plug/jack
03S101-K038
L3
1
FC
Short circuit plug
03S12S-001D3
Reflect standard
1
FC
Short circuit jack
03K12S-001D3
Reflect standard
1
FC
Combi wrench
03W008-000
-
1
Torque wrench
03W021-000
-
1
FC
a.
See “Declaration of calibration options” for explanation.
LRL calibrations without lowband loads are band limited. There are many different possibilities to calibrate
a VNA depending from the line length and the number of lines used during the calibration procedure. If
two lines are used the third line can be used as verification standard. The following graphs show two
possibilities using LRL with lowband loads. Without lowband loads the lower band cannot be calibrated.
0
Frequency Range (2 Bands)
Lowband loads
L1 and L2
26.5
f in GHz
5
Lowband loads
L1 and L3
L1 and L2
f in GHz
26.5
5
0
1
Frequency Range (3 Bands)


Similar Part No. - 03CK020-150

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
03CK001-150 ROSENBERGER-03CK001-150 Datasheet
142Kb / 3P
   RPC-3.50 Calibration Kit
03CK050-150 ROSENBERGER-03CK050-150 Datasheet
147Kb / 3P
   RPC-3.50 Verification Kit
More results

Similar Description - 03CK020-150

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
03CK001-150 ROSENBERGER-03CK001-150 Datasheet
142Kb / 3P
   RPC-3.50 Calibration Kit
03S30R-MSOS3 ROSENBERGER-03S30R-MSOS3 Datasheet
1Mb / 3P
   RPC-3.50 Calibration Kit Plug
03K30R-MSOTS3 ROSENBERGER-03K30R-MSOTS3 Datasheet
2Mb / 3P
   RPC-3.50 Calibration Kit Jack
03S150-C10S3 ROSENBERGER-03S150-C10S3 Datasheet
100Kb / 3P
   RPC-3.50 Calibration Load Plug
03CK050-150 ROSENBERGER-03CK050-150 Datasheet
147Kb / 3P
   RPC-3.50 Verification Kit
03K110-S21S3 ROSENBERGER-03K110-S21S3 Datasheet
997Kb / 3P
   Calibration Adaptor RPC-3.50 Jack ??RPC-SP Plug
07CK010-150 ROSENBERGER-07CK010-150 Datasheet
1Mb / 3P
   RPC-7 Calibration Kit
03K30R-MSOS3 ROSENBERGER-03K30R-MSOS3 Datasheet
1Mb / 3P
   RPC-3.50 Callibration Kit Jack
VA26-TP-3.50-60 ROSENBERGER-VA26-TP-3.50-60 Datasheet
93Kb / 2P
   TEST CABLE SET RPC-3.50 / RPC-3.50
VA26-3.50M-3.50F-60 ROSENBERGER-VA26-3.50M-3.50F-60 Datasheet
93Kb / 2P
   TEST CABLE SET RPC-3.50 / RPC-3.50
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com