Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8447DB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI8447DB
Description  P-Channel 20-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8447DB Datasheet(HTML) 1 Page - Vishay Siliconix

  SI8447DB Datasheet HTML 1Page - Vishay Siliconix SI8447DB Datasheet HTML 2Page - Vishay Siliconix SI8447DB Datasheet HTML 3Page - Vishay Siliconix SI8447DB Datasheet HTML 4Page - Vishay Siliconix SI8447DB Datasheet HTML 5Page - Vishay Siliconix SI8447DB Datasheet HTML 6Page - Vishay Siliconix SI8447DB Datasheet HTML 7Page - Vishay Siliconix SI8447DB Datasheet HTML 8Page - Vishay Siliconix SI8447DB Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vishay Siliconix
Si8447DB
Document Number: 64802
S-09-0664-Rev. A, 20-Apr-09
www.vishay.com
1
P-Channel 20-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET
® Power MOSFET
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Load Switch
Battery Switch
Charger Switch
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
b. t = 10 s.
c. Refer to IPC/JEDEC (J-STD-020C), no manual or hand soldering.
d. In this document, any reference to case represents the body of the MICRO FOOT device and foot is the bump.
e. Based on TC = 25 °C.
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
e
Qg (Typ.)
- 20
0.075 at VGS = - 4.5 V
- 11
7.5 nC
0.105 at VGS = - 2.5 V
- 9.5
0.260 at VGS = - 1.7 V
- 6.0
MICRO FOOT
Device Marking: 8447
xxx = Date/Lot Traceability Code
Ordering Information: Si8447DB-T2-E1 (Lead (Pb)-free and Halogen-free)
DD
SS
SG
1
2
6
3
5
4
Bump Side View
Backside View
S
G
D
P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 20
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
- 11
A
TC = 70 °C
- 8.9
TA = 25 °C
- 5.1a, b
TA = 70 °C
- 4.1a, b
Pulsed Drain Current
IDM
- 15
Continuous Source-Drain Diode Current
TC = 25 °C
IS
- 10.8
TA = 25 °C
- 2.3a, b
Maximum Power Dissipation
TC = 25 °C
PD
13
W
TC = 70 °C
8.4
TA = 25 °C
2.77a, b
TA = 70 °C
1.77a, b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Package Reflow Conditionsc
VPR
260
IR/Convection
260


Similar Part No. - SI8447DB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8440 SILABS-SI8440 Datasheet
591Kb / 24P
   QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon image
Si8440 SILICONIMAGE-Si8440 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8440 SILABS-SI8440 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
List of Unclassifed Man...
SI8440 ETC2-SI8440 Datasheet
522Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8440-A-IS SILABS-SI8440-A-IS Datasheet
591Kb / 24P
   QUAD-CHANNEL DIGITAL ISOLATOR
More results

Similar Description - SI8447DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com