Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC382TDTR-1 Datasheet(PDF) 7 Page - Texas Instruments

Part # UC382TDTR-1
Description  FAST LDO LINEAR REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC382TDTR-1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UC382TDTR-1 Datasheet HTML 3Page - Texas Instruments UC382TDTR-1 Datasheet HTML 4Page - Texas Instruments UC382TDTR-1 Datasheet HTML 5Page - Texas Instruments UC382TDTR-1 Datasheet HTML 6Page - Texas Instruments UC382TDTR-1 Datasheet HTML 7Page - Texas Instruments UC382TDTR-1 Datasheet HTML 8Page - Texas Instruments UC382TDTR-1 Datasheet HTML 9Page - Texas Instruments UC382TDTR-1 Datasheet HTML 10Page - Texas Instruments UC382TDTR-1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
UC2821, UC2822, UC2823, UC282ADJ, UC3821, UC3822, UC3823, UC382ADJ
FAST LDO LINEAR REGULATOR
SLUS317B − JANUARY 2000 − REVISED FEBRUARY 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
UDG-00081
4
5
1
2
3
ADJ
VOUT
VB
VIN
GND
4.7
µF
TANT
3.3 V
1
µF
CER
5 V
100
µF
TANT
121 Ω
R1
UC382−ADJ
PULSE
GENERATOR
VO = 1.2 V
IRF
520
+
+
Figure 6. Transient Test Circuit
Figure 7
10 mA to 3 A/
ms Load Transient Response
µ


Similar Part No. - UC382TDTR-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC382TDTR-1 TI1-UC382TDTR-1 Datasheet
604Kb / 19P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
UC382TDTR-1G3 TI1-UC382TDTR-1G3 Datasheet
604Kb / 19P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
More results

Similar Description - UC382TDTR-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC282-1 TI1-UC282-1_16 Datasheet
869Kb / 16P
[Old version datasheet]   Fast LDO LINEAR REGULATOR
UC282-1 TI1-UC282-1_11 Datasheet
604Kb / 19P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
UC182 TI-UC182 Datasheet
184Kb / 6P
[Old version datasheet]   Fast LDO Linear Regulator
UC282-1 TI1-UC282-1_17 Datasheet
890Kb / 18P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
   LDO Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM75XXH HMSEMI-HM75XXH Datasheet
1Mb / 8P
   LDO linear regulator
logo
Guangdong Youtai Semico...
HT73XX-A UMW-HT73XX-A Datasheet
4Mb / 7P
   LDO Linear Regulator
HT78XX-A UMW-HT78XX-A Datasheet
2Mb / 7P
   LDO Linear Regulator
logo
List of Unclassifed Man...
FS8856 ETC2-FS8856 Datasheet
614Kb / 13P
   550mA LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3200 AAT-AAT3200 Datasheet
178Kb / 16P
   OmniPower??LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com