Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC382TDTR-1 Datasheet(PDF) 5 Page - Texas Instruments

Part # UC382TDTR-1
Description  FAST LDO LINEAR REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC382TDTR-1 Datasheet(HTML) 5 Page - Texas Instruments

  UC382TDTR-1 Datasheet HTML 1Page - Texas Instruments UC382TDTR-1 Datasheet HTML 2Page - Texas Instruments UC382TDTR-1 Datasheet HTML 3Page - Texas Instruments UC382TDTR-1 Datasheet HTML 4Page - Texas Instruments UC382TDTR-1 Datasheet HTML 5Page - Texas Instruments UC382TDTR-1 Datasheet HTML 6Page - Texas Instruments UC382TDTR-1 Datasheet HTML 7Page - Texas Instruments UC382TDTR-1 Datasheet HTML 8Page - Texas Instruments UC382TDTR-1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
UC2821, UC2822, UC2823, UC282ADJ, UC3821, UC3822, UC3823, UC382ADJ
FAST LDO LINEAR REGULATOR
SLUS317B − JANUARY 2000 − REVISED FEBRUARY 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
pin descriptions (continued)
Figure 1
DROPOUT VOLTAGE (VB − VOUT)
vs
LOAD CURRENT
3
IL− Load Current − A
2
1
0
1.7
1.8
1.9
1.6
TJ = 275C
Figure 2
DROPOUT VOLTAGE (VIN − VOUT)
vs
LOAD CURRENT
3 A
2 A
1 A
100 mA
100
200
300
400
IL - Load Current - A
TJ = 275C
APPLICATION INFORMATION
The UC382 is easy to use. The adjustable version requires two 0.1% resistors to set the output voltage. The
fixed versions of the UC382 require no external resistors. All versions of the UC382 require decoupling
capacitors on the input and output. In a typical application, VB and VIN are driven from switching power supplies
which may have large filter capacitors at their outputs. If the UC382 is further than 12 inches from the power
supply, it is recommended to add local decoupling as close as possible to the linear regulator.
Decouple the output of the UC382 with at least 100
µF of high-quality tantalum or Sanyo OSCON capacitors
close to the VOUT pin for maximum stability. Many applications involving Ultra-Fast GTL or BTL applications
require additional capacitance close to the load. The exact amount will vary according to speed and magnitude
of the load transients and the tolerance allowed for transients on VOUT. When specifying the decoupling
capacitors, the series resistance of the capacitor bank is an important factor in its ability to filter load transients.
The UC382 allows for Kelvin sensing the voltage at the load. This improves regulation performance and
eliminates the voltage drops due to wire-trace resistance. This voltage drop must be added to the headroom
(VIN to VOUT and VB to VOUT). The dropout of 450 mV is measured at the pins and does not include additional
drops due to trace resistance. The minimum load current is 10 mA.
Two or more UC382’s may be used in parallel. While stable, this arrangement does degrade the transient
response.


Similar Part No. - UC382TDTR-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC382TDTR-1 TI1-UC382TDTR-1 Datasheet
604Kb / 19P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
UC382TDTR-1G3 TI1-UC382TDTR-1G3 Datasheet
604Kb / 19P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
More results

Similar Description - UC382TDTR-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC282-1 TI1-UC282-1_16 Datasheet
869Kb / 16P
[Old version datasheet]   Fast LDO LINEAR REGULATOR
UC282-1 TI1-UC282-1_11 Datasheet
604Kb / 19P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
UC182 TI-UC182 Datasheet
184Kb / 6P
[Old version datasheet]   Fast LDO Linear Regulator
UC282-1 TI1-UC282-1_17 Datasheet
890Kb / 18P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
   LDO Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM75XXH HMSEMI-HM75XXH Datasheet
1Mb / 8P
   LDO linear regulator
logo
Guangdong Youtai Semico...
HT73XX-A UMW-HT73XX-A Datasheet
4Mb / 7P
   LDO Linear Regulator
HT78XX-A UMW-HT78XX-A Datasheet
2Mb / 7P
   LDO Linear Regulator
logo
List of Unclassifed Man...
FS8856 ETC2-FS8856 Datasheet
614Kb / 13P
   550mA LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3200 AAT-AAT3200 Datasheet
178Kb / 16P
   OmniPower??LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com