Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS27PC128-12NL4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS27PC128-12NL4
Description  131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27PC128-12NL4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS27PC128-12NL4 Datasheet HTML 6Page - Texas Instruments TMS27PC128-12NL4 Datasheet HTML 7Page - Texas Instruments TMS27PC128-12NL4 Datasheet HTML 8Page - Texas Instruments TMS27PC128-12NL4 Datasheet HTML 9Page - Texas Instruments TMS27PC128-12NL4 Datasheet HTML 10Page - Texas Instruments TMS27PC128-12NL4 Datasheet HTML 11Page - Texas Instruments TMS27PC128-12NL4 Datasheet HTML 12Page - Texas Instruments TMS27PC128-12NL4 Datasheet HTML 13Page - Texas Instruments TMS27PC128-12NL4 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27PC128 131 072-BIT PROGRAMMABLE READ-ONLY MEMORY
SMLS128E–OCTOBER 1984–REVISED JANUARY 1993
POST OFFICE BOX 1443
HOUSTON, TEXAS
77251–1443
10
PARAMETER MEASUREMENT INFORMATION
2.08 V
RL = 800 Ω
Output
Under Test
CL = 100 pF
Figure 2. AC Testing Output Load Circuit
AC testing input/output wave forms
2.4 V
0.4 V
2 V
0.8 V
2 V
0.8 V
AC testing inputs are driven at 2.4 V for logic high and 0.4 V for logic low. Timing measurements are made at
2 V for logic high and 0.8 V for logic low for both inputs and outputs.
A0–A13
E
G
DQ0–DQ7
Addresses Valid
VIH
VIL
VIH
VIL
VIH
VIL
VOH
VOL
ta(A)
ta(E)
ten(G)
tdis
tv(A)
HI-Z
HI-Z
Output Valid
Figure 3. Read Cycle Timing


Similar Part No. - TMS27PC128-12NL4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27PC128 TI-TMS27PC128 Datasheet
137Kb / 14P
[Old version datasheet]   TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27PC128FML TI1-TMS27PC128FML Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27PC128NL TI-TMS27PC128NL Datasheet
137Kb / 14P
[Old version datasheet]   TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
More results

Similar Description - TMS27PC128-12NL4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27PC128NL TI-TMS27PC128NL Datasheet
137Kb / 14P
[Old version datasheet]   TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-1JL TI1-TMS27C128-1JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-25JL TI1-TMS27C128-25JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
logo
Austin Semiconductor
SMJ27C512 AUSTIN-SMJ27C512 Datasheet
127Kb / 11P
   UV Erasable Programmable Read-Only Memory
SMJ27C040 AUSTIN-SMJ27C040 Datasheet
115Kb / 11P
   UV Erasable Programmable Read-Only Memory
logo
Fujitsu Component Limit...
MBM2764 FUJITSU-MBM2764 Datasheet
568Kb / 12P
   UV ERASABLE 65536-BIT READ ONLY MEMORY
MB8518H FUJITSU-MB8518H Datasheet
390Kb / 11P
   UV ERASABLE 8192-BIT READ ONLY MEMORY
MBM2716 FUJITSU-MBM2716 Datasheet
384Kb / 5P
   UV ERASABLE 16,384-BIT READ ONLY MEMORY
logo
Austin Semiconductor
AS27C256 AUSTIN-AS27C256 Datasheet
292Kb / 13P
   256K UVEPROM UV Erasable Programmable Read-Only Memory
logo
Fujitsu Component Limit...
MBM27C1028-15 FUJITSU-MBM27C1028-15 Datasheet
487Kb / 12P
   CMOS 1048576 BIT UV ERASABLE READ ONLY MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com