Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDC2112PWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LDC2112PWR
Description  Inductive Touch Solution for Low-Power HMI Button Applications
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LDC2112PWR Datasheet(HTML) 5 Page - Texas Instruments

  LDC2112PWR Datasheet HTML 1Page - Texas Instruments LDC2112PWR Datasheet HTML 2Page - Texas Instruments LDC2112PWR Datasheet HTML 3Page - Texas Instruments LDC2112PWR Datasheet HTML 4Page - Texas Instruments LDC2112PWR Datasheet HTML 5Page - Texas Instruments LDC2112PWR Datasheet HTML 6Page - Texas Instruments LDC2112PWR Datasheet HTML 7Page - Texas Instruments LDC2112PWR Datasheet HTML 8Page - Texas Instruments LDC2112PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
5
LDC2112, LDC2114
www.ti.com
SNOSD15B – DECEMBER 2016 – REVISED APRIL 2017
Product Folder Links: LDC2112 LDC2114
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Maximum voltage across any two pins (not including SCL or SDA) is VDD + 0.3 V.
6 Specifications
6.1 Absolute Maximum Ratings
Over operating temperature range unless otherwise noted.
(1)
MIN
MAX
UNIT
VDD
Supply voltage
2.2
V
VI
Voltage on SCL, SDA
–0.3
3.6
V
Voltage on any other pin
–0.3
2.2(2)
V
TJ
Junction temperature
–40
85
TSTG
Storage temperature
–65
125
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged device model (CDM), per JEDEC specification JESD22-
C101(2)
±250
6.3 Recommended Operating Conditions
Over operating temperature range unless otherwise noted.
MIN
NOM
MAX
UNIT
VDD
Supply voltage
1.71
1.89
V
TJ
Junction temperature
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
LDC2112/LDC2114
UNIT
DSBGA
TSSOP
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
81.8
105.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.4
40.3
°C/W
RθJB
Junction-to-board thermal resistance
18.2
50.2
°C/W
ΨJT
Junction-to-top characterization parameter
0.3
3.6
°C/W
ΨJB
Junction-to-board characterization
parameter
18
49.6
°C/W


Similar Part No. - LDC2112PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC2112PWR TI1-LDC2112PWR Datasheet
885Kb / 49P
[Old version datasheet]   Inductive Touch Solution for Low-Power HMI and Button Applications
More results

Similar Description - LDC2112PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC2112 TI1-LDC2112 Datasheet
885Kb / 49P
[Old version datasheet]   Inductive Touch Solution for Low-Power HMI and Button Applications
logo
3M Electronics
SCT3250EX 3M-SCT3250EX Datasheet
274Kb / 2P
   The Clear Solution for Demanding Touch Applications
logo
List of Unclassifed Man...
CSR8670 ETC1-CSR8670 Datasheet
683Kb / 2P
   Low-power Solution for DSP Intensive Audio Applications
logo
AAEON Technology
AHP-1083 AAEON-AHP-1083_15 Datasheet
293Kb / 2P
   SVGA HMI Touch Panel Computer
logo
STMicroelectronics
EVALSP320SHMI STMICROELECTRONICS-EVALSP320SHMI Datasheet
132Kb / 3P
   SPEAr320S expansion board for HMI applications
logo
Advanced Analogic Techn...
AAT2554 ANALOGICTECH-AAT2554 Datasheet
1Mb / 33P
   Total Power Solution for Portable Applications
logo
Skyworks Solutions Inc.
AAT2550 SKYWORKS-AAT2550 Datasheet
2Mb / 34P
   Total Power Solution for Portable Applications
AAT2554 SKYWORKS-AAT2554 Datasheet
2Mb / 31P
   Total Power Solution for Portable Applications
AAT2601 SKYWORKS-AAT2601 Datasheet
4Mb / 38P
   Total Power Solution for Portable Applications
logo
Advanced Analogic Techn...
AAT2601 ANALOGICTECH-AAT2601 Datasheet
1Mb / 38P
   Total Power Solution for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com