Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XA-G39 Datasheet(PDF) 32 Page - NXP Semiconductors

Part No. XA-G39
Description  XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM, watchdog, 2 UARTs
Download  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

XA-G39 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button XA-G39 Datasheet HTML 28Page - NXP Semiconductors XA-G39 Datasheet HTML 29Page - NXP Semiconductors XA-G39 Datasheet HTML 30Page - NXP Semiconductors XA-G39 Datasheet HTML 31Page - NXP Semiconductors XA-G39 Datasheet HTML 32Page - NXP Semiconductors XA-G39 Datasheet HTML 33Page - NXP Semiconductors XA-G39 Datasheet HTML 34Page - NXP Semiconductors XA-G39 Datasheet HTML 35Page - NXP Semiconductors XA-G39 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
Philips Semiconductors
Preliminary data
XA-G39
XA 16-bit microcontroller family
32K Flash/1K RAM, watchdog, 2 UARTs
2002 Mar 13
32
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNIT
Operating temperature under bias
–55 to +125
°C
Storage temperature range
–65 to +150
°C
Voltage on EA/VPP pin to VSS
0 to +13.0
V
Voltage on any other pin to VSS
–0.5 to VDD+0.5 V
V
Maximum IOL per I/O pin
15
mA
Power dissipation (based on package heat transfer limitations, not device power consumption)
1.5
W
DC ELECTRICAL CHARACTERISTICS
VDD = 4.5 V to 5.5 V; Tamb = 0 to +70 °C, unless otherwise specified.
VDD = 4.75 V to 5.25 V; Tamb = –40 to +85 °C, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supplies
IDD
Supply current operating
5.25 V, 30 MHz
110
mA
IID
Idle mode supply current
5.25 V, 30 MHz
40
mA
IPD
Power-down current
30
mA
IPDI
Power-down current (–40
°C to +85 °C)
150
mA
VRAM
RAM-keep-alive voltage
RAM-keep-alive voltage
1.5
V
VIL
Input low voltage
–0.5
0.22 VDD
V
VIH
Input high voltage, except XTAL1, RST
At 5.0 V
2.2
V
VIH1
Input high voltage to XTAL1, RST
At 5.0 V
0.8VDD
V
VIL1
Input low voltage to XATL1, RST
At 5.0 V
0.12 VDD
VOL
Output low voltage all ports, ALE, PSEN3
IOL = 3.2mA, VDD = 5.0 V
0.5
V
VOH1
Output high voltage all ports, ALE, PSEN1
IOH = –100mA, VDD = VDDmin
2.4
V
VOH2
Output high voltage, ports P0–3, ALE, PSEN2
IOH = 3.2mA, VDD = VDDmin
2.4
V
CIO
Input/Output pin capacitance
15
pF
IIL
Logical 0 input current, P0–36
VIN = 0.45 V
–25
–75
mA
ILI
Input leakage current, P0–35
VIN = VIL or VIH
±10
mA
ITL
Logical 1 to 0 transition current all ports4
At 5.25 V
–650
mA
NOTES:
1. Ports in Quasi bi-directional mode with weak pull-up (applies to ALE, PSEN only during RESET).
2. Ports in Push-Pull mode, both pull-up and pull-down assumed to be same strength
3. In all output modes
4. Port pins source a transition current when used in quasi-bidirectional mode and externally driven from 1 to 0. This current is highest when
VIN is approximately 2 V.
5. Measured with port in high impedance output mode.
6. Measured with port in quasi-bidirectional output mode.
7. Load capacitance for all outputs=80pF.
8. Under steady state (non-transient) conditions, IOL must be externally limited as follows:
Maximum IOL per port pin:
15mA (*NOTE: This is 85
°C specification for VDD = 5 V.)
Maximum IOL per 8-bit port:
26mA
Maximum total IOL for all output: 71mA
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the listed
test conditions.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn