Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XA-G39 Datasheet(PDF) 15 Page - NXP Semiconductors

Part No. XA-G39
Description  XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM, watchdog, 2 UARTs
Download  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

XA-G39 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button XA-G39 Datasheet HTML 11Page - NXP Semiconductors XA-G39 Datasheet HTML 12Page - NXP Semiconductors XA-G39 Datasheet HTML 13Page - NXP Semiconductors XA-G39 Datasheet HTML 14Page - NXP Semiconductors XA-G39 Datasheet HTML 15Page - NXP Semiconductors XA-G39 Datasheet HTML 16Page - NXP Semiconductors XA-G39 Datasheet HTML 17Page - NXP Semiconductors XA-G39 Datasheet HTML 18Page - NXP Semiconductors XA-G39 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
Philips Semiconductors
Preliminary data
XA-G39
XA 16-bit microcontroller family
32K Flash/1K RAM, watchdog, 2 UARTs
2002 Mar 13
15
RECORD TYPE
COMMAND/DATA FUNCTION
84
Display Device Data or Blank Check – Record type 84 causes the contents of the entire FLASH array to be sent out
the serial port in a formatted display. This display consists of an address and the contents of 16 bytes starting with that
address. No display of the device contents will occur if security bit 2 has been programmed. The dumping of the device
data to the serial port is terminated by the reception of any character.
General Format of Function 84
:05xxxx84sssseeeeffcc
Where:
05
= number of bytes (hex) in record
xxxx
= required field, but value is a “don’t care”
84
= “Display Device Data or Blank Check” function code
ssss
= starting address
eeee
= ending address
ff
= subfunction
00 = display data
01 = blank check
cc
= checksum
Example:
:0500008440004FFF00E9
display 4000–4FFF
85
Miscellaneous Read Functions
General Format of Function 85
:02xxxx85ffsscc
Where:
02
=
number of bytes (hex) in record
xxxx
=
required field, but value is a “don’t care”
85
=
“Miscellaneous Read” function code
ffss
=
subfunction and selection code
0000 = read signature byte – manufacturer id (15H)
0001 = read signature byte – device id # 1
(EAH)
0002 = read signature byte – device id # 2
(XA–G39 = 65H))
0700 = read security bits (returned value bits 3:1 = sb3,sb2,sb1)
0701 = read status byte
0702 = read boot vector
cc
= checksum
Example:
:02000085000178
read signature byte – device id # 1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn