Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XA-G39 Datasheet(PDF) 14 Page - NXP Semiconductors

Part No. XA-G39
Description  XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM, watchdog, 2 UARTs
Download  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

XA-G39 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button XA-G39 Datasheet HTML 10Page - NXP Semiconductors XA-G39 Datasheet HTML 11Page - NXP Semiconductors XA-G39 Datasheet HTML 12Page - NXP Semiconductors XA-G39 Datasheet HTML 13Page - NXP Semiconductors XA-G39 Datasheet HTML 14Page - NXP Semiconductors XA-G39 Datasheet HTML 15Page - NXP Semiconductors XA-G39 Datasheet HTML 16Page - NXP Semiconductors XA-G39 Datasheet HTML 17Page - NXP Semiconductors XA-G39 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
Philips Semiconductors
Preliminary data
XA-G39
XA 16-bit microcontroller family
32K Flash/1K RAM, watchdog, 2 UARTs
2002 Mar 13
14
Table 1. Intel-Hex Records Used by In-System Programming
RECORD TYPE
COMMAND/DATA FUNCTION
00 or 80
Data Record
:nnaaaa00dd....ddcc
Where:
Nn
= number of bytes (hex) in record
Aaaa
= memory address of first byte in record
dd....dd
= data bytes
cc
= checksum
Example:
:10008000AF5F67F0602703E0322CFA92007780C3FD
01 or 81
End of File (EOF), no operation
:xxxxxx01cc
Where:
xxxxxx
= required field, but value is a “don’t care”
cc
= checksum
Example:
:00000001FF
83
Miscellaneous Write Functions
:nnxxxx83ffssddcc
Where:
nn
= number of bytes (hex) in record
xxxx
= required field, but value is a “don’t care”
83
= Write Function
ff
= subfunction code
ss
= selection code
dd
= data input (as needed)
cc
= checksum
Subfunction Code = 01 (Erase Blocks)
ff = 01
ss = block number in bits 7:5, Bits 4:0 = zeros
block 0 : ss = 00h
block 1 : ss = 20h
block 2 : ss = 40h
Example:
:0200008301203C
erase block 1
Subfunction Code = 04 (Erase Boot Vector and Status Byte)
ff = 04
ss = don’t care
dd = don’t care
Example:
:010000830478
erase boot vector and status byte
Subfunction Code = 05 (Program Security Bits)
ff = 05
ss = 00 program security bit 1
(inhibit writing to FLASH)
01 program security bit 2
(inhibit FLASH verify)
02 program security bit 3
(disable external memory)
Example:
:02000083050175
program security bit 2
Subfunction Code = 06 (Program Status Byte or Boot Vector)
ff = 06
ss = 00 program status byte
01 program boot vector
NOTE: Only two bits of these Special Cells may be programmed at one time.
Example:
:020000830601FC78
program boot vector to FC00h


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn