Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

XA-G39 Datasheet(PDF) 9 Page - NXP Semiconductors

Part No. XA-G39
Description  XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM, watchdog, 2 UARTs
Download  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

XA-G39 Datasheet(HTML) 9 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Philips Semiconductors
Preliminary data
XA-G39
XA 16-bit microcontroller family
32K Flash/1K RAM, watchdog, 2 UARTs
2002 Mar 13
9
FFFFFh
8000h
7FFFh
0000h
32 KBYTES
ON-CHIP
CODE MEMORY
UP TO 1 MBYTE
TOTAL CODE
MEMORY
2 KBYTES BOOT ROM
FFFFh
F800h
Note: The Boot ROM is enabled via the ENBOOT bit in register AUXR.
SU01589
Figure 1. XA-G39 Program Memory Map
FFFFFh
DATA MEMORY
(INDIRECTLY ADDRESSED,
OFF-CHIP)
0400H
03FFh
DATA MEMORY
(DIRECTLY AND INDIRECTLY
ADDRESSABLE, ON CHIP)
0040h
003Fh
0020h
001Fh
0000h
BIT-ADDRESSABLE
DATA AREA
DATA MEMORY
(DIRECTLY AND INDIRECTLY
ADDRESSABLE, ON CHIP)
Data Segment 0
1 KBYTE
ON-CHIP DATA
MEMORY
(RAM)
DATA MEMORY
(INDIRECTLY ADDRESSED,
OFF-CHIP)
DATA MEMORY
(DIRECTLY AND INDIRECTLY
ADDRESSABLE, OFF-CHIP)
BIT-ADDRESSABLE
DATA AREA
DATA MEMORY
(DIRECTLY AND INDIRECTLY
ADDRESSABLE, OFF-CHIP)
Other Data Segments
FFFFFh
0400H
03FFh
0040h
003Fh
0020h
001Fh
0000h
DIRECTLY ADDRESSED DATA
(1k PER SEGMENT)
SU01590
Figure 2. XA-G39 Data Memory Map


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn