Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIRA34DP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIRA34DP
Description  N-Channel 30 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIRA34DP Datasheet(HTML) 3 Page - Vishay Siliconix

  SIRA34DP Datasheet HTML 1Page - Vishay Siliconix SIRA34DP Datasheet HTML 2Page - Vishay Siliconix SIRA34DP Datasheet HTML 3Page - Vishay Siliconix SIRA34DP Datasheet HTML 4Page - Vishay Siliconix SIRA34DP Datasheet HTML 5Page - Vishay Siliconix SIRA34DP Datasheet HTML 6Page - Vishay Siliconix SIRA34DP Datasheet HTML 7Page - Vishay Siliconix SIRA34DP Datasheet HTML 8Page - Vishay Siliconix SIRA34DP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 62826
S13-0791-Rev. A, 15-Apr-13
www.vishay.com
3
Vishay Siliconix
SiRA34DP
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
16
32
48
64
80
0.0
0.5
1.0
1.5
2.0
2.5
V
DS - Drain-to-Source Voltage (V)
V
GS = 3 V
V
GS = 10 V thru 4 V
V
GS = 2 V
0.004
0.005
0.006
0.007
0.008
0.009
0.010
0
14
28
42
56
70
I
D - Drain Current (A)
V
GS = 4.5 V
V
GS = 10 V
0
2
4
6
8
10
0
3
6
9
12
15
Q
g - Total Gate Charge (nC)
V
DS = 15 V
V
DS = 20 V
V
DS = 10 V
I
D = 10 A
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
14
28
42
56
70
0.0
1.0
2.0
3.0
4.0
5.0
V
GS - Gate-to-Source Voltage (V)
T
C = 25
°C
T
C = 125
°C
T
C = - 55
°C
0
260
520
780
1040
1300
0
5
10
15
20
25
30
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0.7
0.9
1.1
1.3
1.5
1.7
- 50
- 25
0
25
50
75
100
125
150
T
J - Junction Temperature (
°C)
I
D = 10 A
V
GS = 10 V
V
GS = 4.5 V


Similar Part No. - SIRA34DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIRA32DP VISHAY-SIRA32DP Datasheet
230Kb / 9P
   N-Channel 25 V (D-S) MOSFET
01-Jan-2022
SIRA36DP VISHAY-SIRA36DP Datasheet
69Kb / 4P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 17-Mar-14
More results

Similar Description - SIRA34DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com