Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT2232H-MINI Datasheet(PDF) 9 Page - Future Technology Devices International Ltd.

Part # FT2232H-MINI
Description  US Hi-Speed FT2232H Evaluation Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT2232H-MINI Datasheet(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button FT2232H-MINI Datasheet HTML 5Page - Future Technology Devices International Ltd. FT2232H-MINI Datasheet HTML 6Page - Future Technology Devices International Ltd. FT2232H-MINI Datasheet HTML 7Page - Future Technology Devices International Ltd. FT2232H-MINI Datasheet HTML 8Page - Future Technology Devices International Ltd. FT2232H-MINI Datasheet HTML 9Page - Future Technology Devices International Ltd. FT2232H-MINI Datasheet HTML 10Page - Future Technology Devices International Ltd. FT2232H-MINI Datasheet HTML 11Page - Future Technology Devices International Ltd. FT2232H-MINI Datasheet HTML 12Page - Future Technology Devices International Ltd. FT2232H-MINI Datasheet HTML 13Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
`
Copyright © 2011 Future Technology Devices International Limited
8
Document Reference No.: FT_000114
FT2232H Mini Module USB Hi-Speed FT2232H Evaluation Module Version 1.7
Clearance No.: FTDI#72
4 Mechanical details
The mechanical details (top view) of the FT2232H Mini Module are shown in Figure 4.1:
Figure 4.1 FT2232H Mini Module Dimensions (Top and Side Views)
All dimensions are in millimetres. Tolerance is ±0.1mm.
The headers CN2 and CN3 are mounted to the bottom of the PCB. The overall height below the PCB is
8.5mm, with a body which exposes 6.0mm of the pins. The pins are 0.025 inch square.
The mini-B USB connector has a height of 3.9mm.


Similar Part No. - FT2232H-MINI

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT2232H-56Q FTDI-FT2232H-56Q Datasheet
721Kb / 17P
   USB Hi-Speed FT2232H Evaluation
FT2232H-56Q FTDI-FT2232H-56Q Datasheet
1Mb / 90P
   Dual High Speed USB to Multipurpose UART/FIFO IC
More results

Similar Description - FT2232H-MINI

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT2232H-56Q FTDI-FT2232H-56Q Datasheet
721Kb / 17P
   USB Hi-Speed FT2232H Evaluation
FT4232H-56Q FTDI-FT4232H-56Q Datasheet
728Kb / 18P
   USB Hi-Speed FT4232H Evaluation
logo
List of Unclassifed Man...
WH3A ETC1-WH3A Datasheet
101Kb / 2P
   Hi-Speed Isolator
logo
Texas Instruments
TPS61090EVM-029 TI-TPS61090EVM-029 Datasheet
224Kb / 18P
[Old version datasheet]   EVALUATION MODULE
logo
Recom International Pow...
RPMB-2.0-EVM-1 RECOM-RPMB-2.0-EVM-1 Datasheet
440Kb / 7P
   Evaluation Module
logo
Figaro Engineering Inc.
EM3870A FIGARO-EM3870A Datasheet
287Kb / 2P
   Evaluation Module
EM5141A FIGARO-EM5141A Datasheet
320Kb / 2P
   Evaluation Module
EM8100 FIGARO-EM8100 Datasheet
419Kb / 2P
   Evaluation Module
logo
Linx Technologies
EVM-900-RC-CAS LINX-EVM-900-RC-CAS Datasheet
1Mb / 7P
   Evaluation Module
logo
Recom International Pow...
RPX-2.5-EVM-1 RECOM-RPX-2.5-EVM-1 Datasheet
1Mb / 5P
   Evaluation Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com