Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT51BQ-T Datasheet(PDF) 6 Page - Future Technology Devices International Ltd.

Part # FT51BQ-T
Description  Advanced Microcontroller with 8051 Compatible Core
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT51BQ-T Datasheet(HTML) 6 Page - Future Technology Devices International Ltd.

Back Button FT51BQ-T Datasheet HTML 2Page - Future Technology Devices International Ltd. FT51BQ-T Datasheet HTML 3Page - Future Technology Devices International Ltd. FT51BQ-T Datasheet HTML 4Page - Future Technology Devices International Ltd. FT51BQ-T Datasheet HTML 5Page - Future Technology Devices International Ltd. FT51BQ-T Datasheet HTML 6Page - Future Technology Devices International Ltd. FT51BQ-T Datasheet HTML 7Page - Future Technology Devices International Ltd. FT51BQ-T Datasheet HTML 8Page - Future Technology Devices International Ltd. FT51BQ-T Datasheet HTML 9Page - Future Technology Devices International Ltd. FT51BQ-T Datasheet HTML 10Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
Copyright © Future Technology Devices International Limited
6
FT51A Advanced MCU with 8051 Compatible Core IC Datasheet
Version 1.5
Doc ument N o.: FT _000877
C learance N o.: FT DI#420
2.2 Pin Out - 32 pin WQFN
DIO5
DIO10
DIO7
RST
DIO8
DIO9
DIO6
DIO11
8
7
6
5
4
3
2
1
17
18
19
20
21
22
23
24
AIO15
AIO11
AIO14
UP_DP
UP_DM
AIO7
AIO6
AIO5
FTDI
XXXXXXXXXX
FT51BQ
YYWW-X
Figure 2-2 - 32 Pin WQFN Package


Similar Part No. - FT51BQ-T

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT51BQ-T FTDI-FT51BQ-T Datasheet
1Mb / 43P
   Supports DMA operation
More results

Similar Description - FT51BQ-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP51RC2 ATMEL-AT89LP51RC2_14 Datasheet
7Mb / 254P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51ED2 ATMEL-AT89LP51ED2_14 Datasheet
809Kb / 26P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51IC2 ATMEL-AT89LP51IC2_14 Datasheet
7Mb / 254P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51 ATMEL-AT89LP51_14 Datasheet
4Mb / 117P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51ID2 ATMEL-AT89LP51ID2_14 Datasheet
809Kb / 26P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51RD2 ATMEL-AT89LP51RD2_14 Datasheet
809Kb / 26P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51RB2 ATMEL-AT89LP51RB2_14 Datasheet
7Mb / 254P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51RD2 ATMEL-AT89LP51RD2_14 Datasheet
5Mb / 26P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP52 ATMEL-AT89LP52_14 Datasheet
4Mb / 117P
   8-bit Microcontroller Compatible with 8051 Products
logo
Winbond
W79E648 WINBOND-W79E648 Datasheet
407Kb / 80P
   Fast 8051 Compatible microcontroller with a redesigned Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com