Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VNC2-32L1B-REEL Datasheet(PDF) 61 Page - Future Technology Devices International Ltd.

Part # VNC2-32L1B-REEL
Description  Vinculum-II Embedded Dual USB Host Controller IC
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VNC2-32L1B-REEL Datasheet(HTML) 61 Page - Future Technology Devices International Ltd.

Back Button VNC2-32L1B-REEL Datasheet HTML 57Page - Future Technology Devices International Ltd. VNC2-32L1B-REEL Datasheet HTML 58Page - Future Technology Devices International Ltd. VNC2-32L1B-REEL Datasheet HTML 59Page - Future Technology Devices International Ltd. VNC2-32L1B-REEL Datasheet HTML 60Page - Future Technology Devices International Ltd. VNC2-32L1B-REEL Datasheet HTML 61Page - Future Technology Devices International Ltd. VNC2-32L1B-REEL Datasheet HTML 62Page - Future Technology Devices International Ltd. VNC2-32L1B-REEL Datasheet HTML 63Page - Future Technology Devices International Ltd. VNC2-32L1B-REEL Datasheet HTML 64Page - Future Technology Devices International Ltd. VNC2-32L1B-REEL Datasheet HTML 65Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 88 page
background image
61
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
6.7 Parallel FIFO – Synchronous Mode
The Parallel FIFO Synchronous mode has an eight bit data bus, individual read and write strobes, two
hardware flow control signals, an output enable and a clock out.
The synchronous FIFO mode uses the parallel FIFO interface signals detailed in Table 6.16 and an
additional two signals detailed in Table 6.18.
This mode is not available on the 32 pin packages.
64 Pin
Package
Available
pins
48 Pin
Package
Available
pins
32 Pin
Package
Available
pins
Name
Type
Description
11, 15,
19, 24,
28, 39,
43, 47,
51, 57,
61
11, 15,
20, 31,
35, 41,
45
11, 23
29
fifo_oe#
I/O
FIFO Output enable
12, 16,
20, 25,
29, 40,
44, 48,
52, 58,
62
12,16,
21, 32,
36, 42,
46
12, 24,
30
fifo_clkout
I/O
FIFO Clock out
Table 6.18 Synchronous FIFO control signals


Similar Part No. - VNC2-32L1B-REEL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
   Future Technology Devices International Ltd
More results

Similar Description - VNC2-32L1B-REEL

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
VNC2-64L1B FTDI-VNC2-64L1B Datasheet
1Mb / 90P
   VINCULUM-II EMBEDDED DUAL USB HOST CONTROLLER IC
VNC2-32L1B-TRAY FTDI-VNC2-32L1B-TRAY Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
VNC2-64L1B-REEL FTDI-VNC2-64L1B-REEL Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
VNC2-48Q1B-TRAY FTDI-VNC2-48Q1B-TRAY Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
VNC1L-1A FTDI-VNC1L-1A Datasheet
767Kb / 32P
   Vinculum VNC1L Embedded USB Host Controller IC
VINCULUM-II FTDI-VINCULUM-II Datasheet
2Mb / 88P
   Future Technology Devices International Ltd Vinculum-II Embedded Dual USB Host Controller IC
VNC1L FTDI-VNC1L Datasheet
700Kb / 31P
   Embedded USB Host Controller IC
logo
Cypress Semiconductor
SL811HS CYPRESS-SL811HS Datasheet
499Kb / 29P
   Embedded USB Host/Slave Controller
SL811HS CYPRESS-SL811HS_11 Datasheet
641Kb / 32P
   Embedded USB Host/Slave Controller
SL811HS CYPRESS-SL811HS_07 Datasheet
824Kb / 32P
   Embedded USB Host/Slave Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com