Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VNC2-32L1B-REEL Datasheet(PDF) 34 Page - Future Technology Devices International Ltd.

Part # VNC2-32L1B-REEL
Description  Vinculum-II Embedded Dual USB Host Controller IC
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VNC2-32L1B-REEL Datasheet(HTML) 34 Page - Future Technology Devices International Ltd.

Back Button VNC2-32L1B-REEL Datasheet HTML 30Page - Future Technology Devices International Ltd. VNC2-32L1B-REEL Datasheet HTML 31Page - Future Technology Devices International Ltd. VNC2-32L1B-REEL Datasheet HTML 32Page - Future Technology Devices International Ltd. VNC2-32L1B-REEL Datasheet HTML 33Page - Future Technology Devices International Ltd. VNC2-32L1B-REEL Datasheet HTML 34Page - Future Technology Devices International Ltd. VNC2-32L1B-REEL Datasheet HTML 35Page - Future Technology Devices International Ltd. VNC2-32L1B-REEL Datasheet HTML 36Page - Future Technology Devices International Ltd. VNC2-32L1B-REEL Datasheet HTML 37Page - Future Technology Devices International Ltd. VNC2-32L1B-REEL Datasheet HTML 38Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 88 page
background image
34
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
5.6 I/O Mux Group 3
Available Input signals
Available output
signals
64 Pin
Package
Available
pins
48 Pin
Package
Available
pins
32 Pin
Package
Available
pins
uart_cts#
uart_ri#
fifo_data[3]
fifo_data[7]
fifo_wr#
spi_s0_ss#
spi_s1_ss#
gpio[A3]
gpio[A7]
gpio[B3]
gpio[B7]
gpio[C3]
gpio[C7]
gpio[D3]
gpio[D7]
gpio[E3]
gpio[E7]
fifo_data[3]
fifo_data[7]
pwm[3]
pwm[7]
spi_m_ss_0#
gpio[A3]
gpio[A7]
gpio[B3]
gpio[B7]
gpio[C3]
gpio[C7]
gpio[D3]
gpio[D7]
gpio[E3]
gpio[E7]
14, 18,
23, 27,
32, 42,
46, 50,
56, 60,
64
14, 19,
23, 34,
38, 44,
48
15, 26,
32
Table 5.5 Group 3
Table 5.5 - Input and output signals that are available for all the IOBUS pins that are in group 3. For
example if you using the 48 pin package device this would allow pins 14, 19, 23, 34, 38, 44 and 48 to be
configured as either an input signal (listed in the first column) or a output signal (listed in the second
column).


Similar Part No. - VNC2-32L1B-REEL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
   Future Technology Devices International Ltd
More results

Similar Description - VNC2-32L1B-REEL

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
VNC2-64L1B FTDI-VNC2-64L1B Datasheet
1Mb / 90P
   VINCULUM-II EMBEDDED DUAL USB HOST CONTROLLER IC
VNC2-32L1B-TRAY FTDI-VNC2-32L1B-TRAY Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
VNC2-64L1B-REEL FTDI-VNC2-64L1B-REEL Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
VNC2-48Q1B-TRAY FTDI-VNC2-48Q1B-TRAY Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
VNC1L-1A FTDI-VNC1L-1A Datasheet
767Kb / 32P
   Vinculum VNC1L Embedded USB Host Controller IC
VINCULUM-II FTDI-VINCULUM-II Datasheet
2Mb / 88P
   Future Technology Devices International Ltd Vinculum-II Embedded Dual USB Host Controller IC
VNC1L FTDI-VNC1L Datasheet
700Kb / 31P
   Embedded USB Host Controller IC
logo
Cypress Semiconductor
SL811HS CYPRESS-SL811HS Datasheet
499Kb / 29P
   Embedded USB Host/Slave Controller
SL811HS CYPRESS-SL811HS_11 Datasheet
641Kb / 32P
   Embedded USB Host/Slave Controller
SL811HS CYPRESS-SL811HS_07 Datasheet
824Kb / 32P
   Embedded USB Host/Slave Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com