Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD7281 Datasheet(PDF) 29 Page - NEC

Part # UPD7281
Description  IEEE1394 OHCI 1.1 COMPLIANT 3PORT PHY-LINK 1-CHIP HOST CONTROLLER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7281 Datasheet(HTML) 29 Page - NEC

Back Button UPD7281 Datasheet HTML 25Page - NEC UPD7281 Datasheet HTML 26Page - NEC UPD7281 Datasheet HTML 27Page - NEC UPD7281 Datasheet HTML 28Page - NEC UPD7281 Datasheet HTML 29Page - NEC UPD7281 Datasheet HTML 30Page - NEC UPD7281 Datasheet HTML 31Page - NEC UPD7281 Datasheet HTML 32Page - NEC UPD7281 Datasheet HTML 33Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
Preliminary Data Sheet S15306EJ2V0DS
29
µµµµPD72874
4. PHY FUNCTION
4.1 Cable Interface
4.1.1 Connections
Figure 4-1. Cable Interface
+
-
+
-
+
-
+
-
+
-
+
-
56
56
7 k
7 k
Connection Detection Current
Connection Detection Comparator
TpAp
TpBias
TpAn
Driver
Receiver
Arbitration Comparators
Common Mode Comparators
+
-
+
-
+
-
+
-
56
56
7 k
7 k
TpBp
TpBn
Driver
Receiver
Arbitration Comparators
Common Mode Comparator
Common Mode Speed Current Driver
1
µF
270 pF
5.1 k
+
-
+
-
+
-
+
-
+
-
+
-
56
56
7 k
7 k
Connection Detection Current
Connection Detection Comparator
TpAp
TpBias
TpAn
Driver
Receiver
Arbitration Comparators
Common Mode Comparators
1
µF
+
-
+
-
+
-
+
-
56
56
7 k
7 k
TpBp
TpBn
Driver
Receiver
Arbitration Comparators
Common Mode Comparator
Common Mode Speed Current driver
270 pF
5.1 k
0.01
µF
0.01
µF


Similar Part No. - UPD7281

ManufacturerPart #DatasheetDescription
logo
NEC
UPD72850A NEC-UPD72850A Datasheet
290Kb / 48P
   IEEE1394 400Mbps PHY
logo
Renesas Technology Corp
UPD72850A RENESAS-UPD72850A Datasheet
482Kb / 50P
   MOS INTEGRATED CIRCUIT
1999
logo
NEC
UPD72850AGK-9EU NEC-UPD72850AGK-9EU Datasheet
290Kb / 48P
   IEEE1394 400Mbps PHY
logo
Renesas Technology Corp
UPD72850AGK-9EU RENESAS-UPD72850AGK-9EU Datasheet
482Kb / 50P
   MOS INTEGRATED CIRCUIT
1999
UPD72850B RENESAS-UPD72850B Datasheet
512Kb / 50P
   MOS INTEGRATED CIRCUIT
2001
More results

Similar Description - UPD7281

ManufacturerPart #DatasheetDescription
logo
NEC
UPD72870A NEC-UPD72870A Datasheet
331Kb / 27P
   IEEE1394 1-CHIP OHCI HOST CONTROLLER
UPD72870 NEC-UPD72870 Datasheet
337Kb / 48P
   IEEE1394 1-CHIP OHCI HOST CONTROLLER
UPD72862 NEC-UPD72862 Datasheet
194Kb / 36P
   IEEE1394 OHCI HOST CONTROLLER
logo
Texas Instruments
TSB43AB22A TI-TSB43AB22A Datasheet
518Kb / 112P
[Old version datasheet]   INTEGRATED 1394A-2000 OHCI PHY/LINK-LAYER CONTROLLER
TSB43AB23PDTG4 TI1-TSB43AB23PDTG4 Datasheet
665Kb / 110P
[Old version datasheet]   IEEE 1394a-2000 OHCI PHY/Link Layer Controller 
TSB43AB21 TI-TSB43AB21 Datasheet
656Kb / 109P
[Old version datasheet]   INTERGRATED 1394A-2000 OHCI PHY LINK-LAYER CONTROLLER
TSB43AB21A TI-TSB43AB21A Datasheet
557Kb / 116P
[Old version datasheet]   Integrated 1394a-2000 OHCI PHY/Link-Layer Controller
TSB43AB22 TI-TSB43AB22 Datasheet
519Kb / 112P
[Old version datasheet]   INTERGRATED 1394a-2000 OHCI PHY/LINK-LAYER CONTROLLER
TSB43AB22 TI1-TSB43AB22_14 Datasheet
99Kb / 7P
[Old version datasheet]   Integrated 1394a-2000 OHCI PHY/Link-Layer Controller
TSB83AA22C TI-TSB83AA22C Datasheet
146Kb / 8P
[Old version datasheet]   Phy and OHCI Link Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com