Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD720112 Datasheet(PDF) 10 Page - NEC

Part # UPD720112
Description  MOS INTEGRATED CIRCUIT
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720112 Datasheet(HTML) 10 Page - NEC

Back Button UPD720112 Datasheet HTML 6Page - NEC UPD720112 Datasheet HTML 7Page - NEC UPD720112 Datasheet HTML 8Page - NEC UPD720112 Datasheet HTML 9Page - NEC UPD720112 Datasheet HTML 10Page - NEC UPD720112 Datasheet HTML 11Page - NEC UPD720112 Datasheet HTML 12Page - NEC UPD720112 Datasheet HTML 13Page - NEC UPD720112 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Data Sheet S16616EJ2V0DS
10
µPD720112
Recommended Operating Ranges
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Operating voltage
VDD33
3.3 V for VDD33 pins
3.14
3.30
3.46
V
VDD25
2.5 V for VDD25 pins
2.3
2.5
2.7
V
AVDD
2.5 V for AVDD pins
2.3
2.5
2.7
V
High-level input voltage
VIH
2.5 V High-level input voltage
1.7
VDD25
V
3.3 V High-level input voltage
2.0
VDD33
V
5.0 V High-level input voltage
2.0
5.5
V
Low-level input voltage
VIL
2.5 V Low-level input voltage
0
0.7
V
3.3 V Low-level input voltage
0
0.8
V
5.0 V Low-level input voltage
0
0.8
V
Hysteresis voltage
VH
5 V Hysteresis voltage
0.3
1.5
V
3.3 V Hysteresis voltage
0.2
1.0
V
Input rise time for SYSRSTB
trst
10
ms
Input rise time
tri
Normal buffer
0
200
ns
Schmitt buffer
0
10
ms
Input fall time
tfi
Normal buffer
0
200
ns
Schmitt buffer
0
10
ms
Two power supply rails limitation.
The
µPD720112 has two power supply rails (2.5 V, 3.3 V). The µPD720112 requires that VDD25 should be stable
before VDD33 becomes stable. The system will require the time when power supply rail is stable at VDD level. And,
there will be difference between the time of VDD25 and VDD33. At any case, the system must ensure that the
absolute maximum ratings for VI /VO are not exceeded. System reset signaling should be asserted more than
specified time after both VDD25 and VDD33 are stable.


Similar Part No. - UPD720112

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD720112 RENESAS-UPD720112 Datasheet
640Kb / 34P
   MOS INTEGRATED CIRCUIT
2003
UPD720112GK-9EU RENESAS-UPD720112GK-9EU Datasheet
640Kb / 34P
   MOS INTEGRATED CIRCUIT
2003
UPD720112GK-9EU-A RENESAS-UPD720112GK-9EU-A Datasheet
640Kb / 34P
   MOS INTEGRATED CIRCUIT
2003
More results

Similar Description - UPD720112

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
   MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
   MOS INTEGRATED CIRCUIT
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
   MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
   MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
   MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
   MOS Integrated Circuit
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
   MOS INTEGRATED CIRCUIT
logo
NEC
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
   MOS Integrated Circuit
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
   MOS Integrated Circuit
logo
Renesas Technology Corp
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
   MOS INTEGRATED CIRCUIT
UPD166108GR RENESAS-UPD166108GR Datasheet
462Kb / 16P
   MOS INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com