Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD72874 Datasheet(PDF) 13 Page - NEC

Part # UPD72874
Description  IEEE1394 OHCI 1.1 COMPLIANT 3PORT PHY-LINK 1-CHIP HOST CONTROLLER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72874 Datasheet(HTML) 13 Page - NEC

Back Button UPD72874 Datasheet HTML 9Page - NEC UPD72874 Datasheet HTML 10Page - NEC UPD72874 Datasheet HTML 11Page - NEC UPD72874 Datasheet HTML 12Page - NEC UPD72874 Datasheet HTML 13Page - NEC UPD72874 Datasheet HTML 14Page - NEC UPD72874 Datasheet HTML 15Page - NEC UPD72874 Datasheet HTML 16Page - NEC UPD72874 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Preliminary Data Sheet S15306EJ2V0DS
13
µµµµPD72874
2. PHY REGISTERS
2.1 Complete Structure for PHY Registers
Figure 2-1. Complete Structure of PHY Registers
01
23
45
6
7
0000
Physical_ID
R
PS
0001
RHB
IBR
Gap_count
0010
Extended (7)
Reserved
Total_ports
0011
Max_speed
Reserved
Delay
0100
Link_active
Contender
Jitter
Pwr_class
0101
Watchdog
ISBR
Loop
Pwr_fail
Timeout
Port_event
Enab_accel
Enab_multi
0110
Reserved
0111
Page_select
Reserved
Port_select
1000
Register0 (page_select)
1001
Register1 (page_select)
1010
Register2 (page_select)
1011
Register3 (page_select)
1100
Register4 (page_select)
1101
Register5 (page_select)
1110
Register6 (page_select)
1111
Register7 (page_select)
Table 2-1. Bit Field Description (1/3)
Field
Size
R/W
Reset value
Description
Physical_ID
6
R
000000
Physical_ID value selected from Self_ID period.
R
1
R
0
If this bit is 1, the node is root.
1: Root
0: Not root
PS
1
R
Cable power status.
1: Cable power on
0: Cable power off
RHB
1
R/W
0
Root Hold -off bit. If 1, becomes root at the bus reset.
IBR
1
R/W
0
Initiate bus reset.
Setting to 1 begins a long bus reset.
Long bus reset signal duration: 166
µsec.
Returns to 0 at the beginning of bus reset.
Gap_count
6
R/W
111111
Gap count value.
It is updated by the changes of transmitting and receiving the PHY
configuration packet Tx/Rx.
The value is maintained after first bus reset.
After the second bus reset it returns to reset value.
Extended
3
R
111
Shows the extended register map.


Similar Part No. - UPD72874

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD72874 RENESAS-UPD72874 Datasheet
409Kb / 42P
   MOS INTEGRATED CIRCUIT
2001
UPD72874GC-YEB RENESAS-UPD72874GC-YEB Datasheet
409Kb / 42P
   MOS INTEGRATED CIRCUIT
2001
More results

Similar Description - UPD72874

ManufacturerPart #DatasheetDescription
logo
NEC
UPD72870A NEC-UPD72870A Datasheet
331Kb / 27P
   IEEE1394 1-CHIP OHCI HOST CONTROLLER
UPD72870 NEC-UPD72870 Datasheet
337Kb / 48P
   IEEE1394 1-CHIP OHCI HOST CONTROLLER
UPD72862 NEC-UPD72862 Datasheet
194Kb / 36P
   IEEE1394 OHCI HOST CONTROLLER
logo
Texas Instruments
TSB43AB22A TI-TSB43AB22A Datasheet
518Kb / 112P
[Old version datasheet]   INTEGRATED 1394A-2000 OHCI PHY/LINK-LAYER CONTROLLER
TSB43AB23PDTG4 TI1-TSB43AB23PDTG4 Datasheet
665Kb / 110P
[Old version datasheet]   IEEE 1394a-2000 OHCI PHY/Link Layer Controller 
TSB43AB21 TI-TSB43AB21 Datasheet
656Kb / 109P
[Old version datasheet]   INTERGRATED 1394A-2000 OHCI PHY LINK-LAYER CONTROLLER
TSB43AB21A TI-TSB43AB21A Datasheet
557Kb / 116P
[Old version datasheet]   Integrated 1394a-2000 OHCI PHY/Link-Layer Controller
TSB43AB22 TI-TSB43AB22 Datasheet
519Kb / 112P
[Old version datasheet]   INTERGRATED 1394a-2000 OHCI PHY/LINK-LAYER CONTROLLER
TSB43AB22 TI1-TSB43AB22_14 Datasheet
99Kb / 7P
[Old version datasheet]   Integrated 1394a-2000 OHCI PHY/Link-Layer Controller
TSB83AA22C TI-TSB83AA22C Datasheet
146Kb / 8P
[Old version datasheet]   Phy and OHCI Link Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com