Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTL-234X-5V-WE Datasheet(PDF) 3 Page - Future Technology Devices International Ltd.

Part # TTL-234X-5V-WE
Description  Series Range of Cables
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

TTL-234X-5V-WE Datasheet(HTML) 3 Page - Future Technology Devices International Ltd.

  TTL-234X-5V-WE Datasheet HTML 1Page - Future Technology Devices International Ltd. TTL-234X-5V-WE Datasheet HTML 2Page - Future Technology Devices International Ltd. TTL-234X-5V-WE Datasheet HTML 3Page - Future Technology Devices International Ltd. TTL-234X-5V-WE Datasheet HTML 4Page - Future Technology Devices International Ltd. TTL-234X-5V-WE Datasheet HTML 5Page - Future Technology Devices International Ltd. TTL-234X-5V-WE Datasheet HTML 6Page - Future Technology Devices International Ltd. TTL-234X-5V-WE Datasheet HTML 7Page - Future Technology Devices International Ltd. TTL-234X-5V-WE Datasheet HTML 8Page - Future Technology Devices International Ltd. TTL-234X-5V-WE Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Copyright © Future Technology Devices International Limited
2
TTL234X SERIES RANGE OF CABLES Datasheet
Version 1.0
Document Reference No.: FT_001394 Clearance No.: FTDI#520
1.1
Available Cables and Part Numbers
The following Table 1.1 gives details of the available TTL-234X cables.
Part Number
Description
End Connector*
Cable details
TTL-234X-5V
USB to UART cable with +5V TTL level
UART signals.
6 pin SIL, 0.1” pitch
6 core, UL2464
24 AWG,
diam=5mm
TTL-234X-3V3
USB to UART cable with +3.3V TTL level
UART signals.
6 pin SIL, 0.1” pitch
6 core, UL2464
24 AWG,
diam=5mm
TTL-234X-5V-
WE
USB to UART cable with +5V TTL level
UART signals.
Wire Ended (no
connector)
6 core, UL2464
24 AWG,
diam=5mm
TTL-234X-3V3-
WE
USB to UART cable with +3.3V TTL level
UART signals.
Wire Ended (no
connector)
6 core, UL2464
24 AWG,
diam=5mm
TTL-234X-5V-AJ
USB to UART cable with +5V TTL level
UART signals.
3.5mm Audio Jack
2 core and spiral,
24 AWG
diam=5mm
TTL-234X-3V3-
AJ
USB to UART cable with +3.3V TTL level
UART signals.
3.5mm Audio Jack
2 core and spiral,
24 AWG
diam=5mm
TTL-234X-3V3-
2mm
USB to UART cable with +3.3V TTL level
UART signals.
8 way, keyed, 2mm
connector for use
with FTDI VDRIVE2
or VMUSIC2 modules
7 core, UL2464
26 AWG,
diam=5mm
Table 1.1 TTL-234X Cables Descriptions and Part Numbers
* FTDI supports customised end connector designs. For more information, please contact FTDI Sales Team
(sales1@ftdichip.com)


Similar Part No. - TTL-234X-5V-WE

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
TTL-232R FTDI-TTL-232R Datasheet
508Kb / 8P
   USB to TTL Serial Converter Cable
TTL-232R FTDI-TTL-232R Datasheet
508Kb / 8P
   USB to TTL Serial Converter Cable
TTL-232R FTDI-TTL-232R Datasheet
557Kb / 26P
   TTL TO USB SERIAL CONVERTER RANGE OF CABLES
TTL-232R FTDI-TTL-232R Datasheet
561Kb / 26P
   TTL to USB Serial Converter Range of Cables
TTL-232R-3V3 FTDI-TTL-232R-3V3 Datasheet
508Kb / 8P
   USB to TTL Serial Converter Cable
More results

Similar Description - TTL-234X-5V-WE

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
USB-RS232-WE FTDI-USB-RS232-WE Datasheet
368Kb / 15P
   Serial Converter Range of Cables
TTL-232R FTDI-TTL-232R_V01 Datasheet
561Kb / 26P
   TTL to USB Serial Converter Range of Cables
TTL-232R FTDI-TTL-232R_10 Datasheet
557Kb / 26P
   TTL TO USB SERIAL CONVERTER RANGE OF CABLES
FT_000077 FTDI-FT_000077 Datasheet
368Kb / 15P
   Future Technology Devices International Ltd USB to RS232 Serial Converter Range of Cables
2010
RS232 FTDI-RS232 Datasheet
367Kb / 15P
   Future Technology Devices International Ltd USB to RS232 Serial Converter Range of Cables
Version 1.3 Date: 2009-12-18
logo
PHOENIX CONTACT
1424661 PHOENIX-1424661 Datasheet
89Kb / 4P
   Reliable and quick connection of electric cables
logo
Hamamatsu Corporation
A8406 HAMAMATSU-A8406 Datasheet
169Kb / 8P
   Various types of cables for frame grabber
logo
Omron Electronics LLC
E32 OMRON-E32 Datasheet
1Mb / 108P
   An Extensive Selection of Fiber-Optic Cables
logo
PHOENIX CONTACT
1424649 PHOENIX-1424649 Datasheet
87Kb / 4P
   Reliable and quick connection of electric cables
logo
Emerson Network Power
30-9530 EMERSON-NETWORKPOWER-30-9530 Datasheet
59Kb / 1P
   Computer Cables Adapters Cables
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com