Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT2232H-56Q Datasheet(PDF) 5 Page - Future Technology Devices International Ltd.

Part # FT2232H-56Q
Description  Dual High Speed USB to Multipurpose UART/FIFO IC
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT2232H-56Q Datasheet(HTML) 5 Page - Future Technology Devices International Ltd.

  FT2232H-56Q Datasheet HTML 1Page - Future Technology Devices International Ltd. FT2232H-56Q Datasheet HTML 2Page - Future Technology Devices International Ltd. FT2232H-56Q Datasheet HTML 3Page - Future Technology Devices International Ltd. FT2232H-56Q Datasheet HTML 4Page - Future Technology Devices International Ltd. FT2232H-56Q Datasheet HTML 5Page - Future Technology Devices International Ltd. FT2232H-56Q Datasheet HTML 6Page - Future Technology Devices International Ltd. FT2232H-56Q Datasheet HTML 7Page - Future Technology Devices International Ltd. FT2232H-56Q Datasheet HTML 8Page - Future Technology Devices International Ltd. FT2232H-56Q Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 90 page
background image
Copyright © Future Technology Devices International Limited
5
FT2232H Dual High Speed USB to Multipurpose UART/FIFO IC
Datasheet
Version 2.5
Document No.: FT_000061 Clearance No.: FTDI#77
2
FT2232H Block Diagram
USB Protocol Engine
And FIFO Control
UTMI PHY
USBDM
USBDP
RREF
RESET
Generator
RESET#
TEST
OSCI
OSCO
1.8 Volt
LDO
Regulator
VCC 3V3 IN
V1.8OUT
EEPROM
Interface
EECS
EESK
EEDATA
PWREN#
SUSPEND#
120 MHz
Dual Port TX
Buffer
4K Bytes
Dual Port RX
Buffer
4K Bytes
Baud Rate
Generator
MPSSE/
Multi-
purpose
UART/FIFO
Controller
ADBUS0
ADBUS1
ADBUS2
ADBUS3
ADBUS4
ADBUS5
ADBUS6
ADBUS7
120 MHz
ACBUS0
ACBUS7
ACBUS5
ACBUS1
ACBUS2
ACBUS3
ACBUS4
ACBUS6
120 MHz
Dual Port TX
Buffer
4K Bytes
Dual Port RX
Buffer
4K Bytes
Baud Rate
Generator
MPSSE/
Multi-
purpose
UART/FIFO
Controller
BDBUS0
BDBUS1
BDBUS2
BDBUS3
BDBUS4
BDBUS5
BDBUS6
BDBUS7
120 MHz
BCBUS0
PWRSAV# /
BCBUS7
BCBUS5
BCBUS1
BCBUS2
BCBUS3
BCBUS4
BCBUS6
Figure 2.1 FT2232H Block Diagram
For a description of each function please refer to Section 4.


Similar Part No. - FT2232H-56Q

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT2232H-56Q FTDI-FT2232H-56Q Datasheet
721Kb / 17P
   USB Hi-Speed FT2232H Evaluation
More results

Similar Description - FT2232H-56Q

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT2232H FTDI-FT2232H_10 Datasheet
1Mb / 63P
   DUAL HIGH SPEED USB TO MULTIPURPOSE UART/FIFO IC
FT2232H FTDI-FT2232H_12 Datasheet
2Mb / 67P
   Dual High Speed USB to Multipurpose UART/FIFO IC
FT232HQ-REEL FTDI-FT232HQ-REEL Datasheet
1Mb / 66P
   Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232HQ-TRAY FTDI-FT232HQ-TRAY Datasheet
1Mb / 66P
   Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232HL-REEL FTDI-FT232HL-REEL Datasheet
1Mb / 66P
   Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232HL FTDI-FT232HL Datasheet
1Mb / 65P
   FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT2232H FTDI-FT2232H Datasheet
1Mb / 60P
   DUAL HIGH SPEED USB TO MULTIPURPOSE UART
FT232H FTDI-FT232H Datasheet
1Mb / 65P
   FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT4232HL-REEL FTDI-FT4232HL-REEL Datasheet
1Mb / 55P
   Quad High Speed USB to Multipurpose UART/MPSSE IC
FT4232HQ-REEL FTDI-FT4232HQ-REEL Datasheet
1Mb / 55P
   Quad High Speed USB to Multipurpose UART/MPSSE IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com