Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT600Q-B-T Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # FT600Q-B-T
Description  USB 3.0 to FIFO Bridge
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT600Q-B-T Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  FT600Q-B-T Datasheet HTML 1Page - Future Technology Devices International Ltd. FT600Q-B-T Datasheet HTML 2Page - Future Technology Devices International Ltd. FT600Q-B-T Datasheet HTML 3Page - Future Technology Devices International Ltd. FT600Q-B-T Datasheet HTML 4Page - Future Technology Devices International Ltd. FT600Q-B-T Datasheet HTML 5Page - Future Technology Devices International Ltd. FT600Q-B-T Datasheet HTML 6Page - Future Technology Devices International Ltd. FT600Q-B-T Datasheet HTML 7Page - Future Technology Devices International Ltd. FT600Q-B-T Datasheet HTML 8Page - Future Technology Devices International Ltd. FT600Q-B-T Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
Copyright © Future Technology Devices International Limited
2
FT600Q-FT601Q IC DatasheetDatasheet
Version 1.04
Document No.: FT_001118
Clearance No.: FTDI#424
1
Typical Applications
Upgrading Legacy Peripherals to USB
Utilising USB to add system modularity
Interfacing PLD/FPGA based designs to USB 3.0
USB 3.0 data acquisition
USB 3.0 Digital Video Camera Interface
USB 3.0 Digital Camera
USB 3.0 Interface for Printer/Scanner
Medical/Industrial imaging devices
USB 3.0 Instrumentation
1.1
Driver Support
Royalty free D3XX Direct Drivers
(USB Drivers + DLL S/W Interface)
Windows 10
Windows 8
Windows 7
Mac OS-X (available in 2017)
Linux
The drivers listed above are all available to download for free from the FTDI website (www.ftdichip.com).
For driver installation, please refer to http://www.ftdichip.com/Drivers/D3XX.htm
1.2
Ordering Information
Part Number
Package
Remark
FT600Q-B-x
56 Pin QFN 0.4mm Pitch
Rev B
FT601Q-B-x
76 Pin QFN 0.4mm Pitch
Rev B
Table 1.1 Device Part Numbers
Note: Packaging codes for x is:
-R: Taped and Reel, (VQFN in 3000 pieces per reel)
-T: Tray packing, (VQFN in 260 pieces per tray)
For example: FT600Q-B-R is 3000 QFN pieces in taped and reel packaging (rev B)
1.3
USB Compliant
Both FT600 and FT601 are fully compliant with the USB 3.1 specification for Generation 1 devices. USB IF
TID 340930018 applies to the FT600 and TID 340930019 for the FT601.


Similar Part No. - FT600Q-B-T

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT600Q FTDI-FT600Q Datasheet
1Mb / 32P
   Future Technology Devices International Ltd.
More results

Similar Description - FT600Q-B-T

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT602Q-T FTDI-FT602Q-T Datasheet
1Mb / 28P
   FIFO to USB 3.0 UVC Bridge
logo
List of Unclassifed Man...
UMFT60X ETC2-UMFT60X Datasheet
1Mb / 24P
   UMFT60x FIFO TO USB 3.0 Bridge Evaluation Board
logo
Texas Instruments
TUSB9261 TI-TUSB9261 Datasheet
259Kb / 24P
[Old version datasheet]   USB 3.0 TO SATA BRIDGE
TUSB9260 TI-TUSB9260_10 Datasheet
154Kb / 21P
[Old version datasheet]   USB 3.0 TO SATA BRIDGE
TUSB9261IPVP TI1-TUSB9261IPVP Datasheet
247Kb / 25P
[Old version datasheet]   USB 3.0 TO SATA BRIDGE
TUSB9261-Q1 TI1-TUSB9261-Q1 Datasheet
934Kb / 24P
[Old version datasheet]   USB 3.0 TO SATA BRIDGE
TUSB9260_101 TI-TUSB9260_101 Datasheet
181Kb / 21P
[Old version datasheet]   USB 3.0 TO SATA BRIDGE
TUSB9260 TI-TUSB9260 Datasheet
95Kb / 13P
[Old version datasheet]   USB 3.0 TO SATA BRIDGE Data Manual
logo
Prolific Technology Inc...
PL2775 PROLIFIC-PL2775 Datasheet
174Kb / 1P
   SuperSpeed USB 3.0 to Dual SATA Bridge Controller
logo
List of Unclassifed Man...
PL2775 ETC2-PL2775 Datasheet
174Kb / 1P
   SuperSpeed USB 3.0 to Dual SATA Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com