Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT312D-32Q1C-T Datasheet(PDF) 8 Page - Future Technology Devices International Ltd.

Part # FT312D-32Q1C-T
Description  USB Android Host IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT312D-32Q1C-T Datasheet(HTML) 8 Page - Future Technology Devices International Ltd.

Back Button FT312D-32Q1C-T Datasheet HTML 4Page - Future Technology Devices International Ltd. FT312D-32Q1C-T Datasheet HTML 5Page - Future Technology Devices International Ltd. FT312D-32Q1C-T Datasheet HTML 6Page - Future Technology Devices International Ltd. FT312D-32Q1C-T Datasheet HTML 7Page - Future Technology Devices International Ltd. FT312D-32Q1C-T Datasheet HTML 8Page - Future Technology Devices International Ltd. FT312D-32Q1C-T Datasheet HTML 9Page - Future Technology Devices International Ltd. FT312D-32Q1C-T Datasheet HTML 10Page - Future Technology Devices International Ltd. FT312D-32Q1C-T Datasheet HTML 11Page - Future Technology Devices International Ltd. FT312D-32Q1C-T Datasheet HTML 12Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Copyright © 2013 Future Technology Devices International Limited
8
DS_FT312D USB ANDROID HOST IC Datasheet
Version 1.1
Document No.: FT_000816 Clearance No.: FTDI# 331
4 Function Description
The FT312D is FTDI’s second dedicated Android Open Accessory Mode integrated circuit device or Android
Host. The FT312D USB host port is dedicated to support of the Android Open Accessory class and will
bridge data between this port and the UART interface.
4.1 Key Features
Easy to use Android Open Accessory IC translating the Device port of the Android device into UART
capabilities
4.2 Functional Block Descriptions
The following paragraphs describe each function within FT312D. Please refer to the block diagram shown
inFigure 2.1.
4.2.1 UART Interface Module
The FT312DUART module controls the UART interface providing basic RXD, TXD signalling with
RTS#/CTS# hardware flow control. An additional TX_Active signal is supplied to control external RS485
transceivers for users wishing to create a USB to RS485 bridge. The UART supports baud rates from 300
baud to 921600 baud. A full description of the UART module is provided in Section 5.
4.2.2 Buffers
The FT312D provides internal buffering between the USB port and the UART port of the IC for smooth
data streaming.
The Android device can send NAK’s to the USB OUT token sent from the FT312D. This can happen when
the UART application on the Android is running in the background or multiple applications are launched in
the Android device. When the UART application on the Android device is not accepting data, the data will
be buffered in the UART RX buffer in FT312D. The UART RX buffer size is 5512 bytes.
The UART_TX buffer which stores data from the USB port, heading for the UART is 256 bytes.
4.2.3 USB Host
The USB Host block handles the parallel-to-serial and serial-to-parallel conversion of the USB physical
layer. This includes bit stuffing, CRC generation.
4.2.4 USB Transceivers
USB transceiver cells provide the physical USB device interface supporting USB 1.1 and USB 2.0
standards. Low-speed and full-speed USB data rates are supported. The output driver provides 3V3 level
slew rate control signalling, whilst a differential receiver and two single ended receivers provide USB
DATA IN, SE0 and USB Reset condition detection. These cells also include integrated internal pull-down
resistors as required for host mode.
4.3 Default Descriptor Strings
When the USB port is connected to the Android USB port, the Android platform will determine which
application to load based on the strings read from the FT312D. These strings are configurable with a
Windows utility: FT312D_Cofiguration available for download from the FTDI website.
http://www.ftdichip.com
Please refer to the application note AN_236 User Guide for FT312D Configuration to change the default
string values.


Similar Part No. - FT312D-32Q1C-T

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT312D-32Q1C-R FTDI-FT312D-32Q1C-R Datasheet
757Kb / 27P
   USB Android Host IC
FT312D-32Q1C-X FTDI-FT312D-32Q1C-X Datasheet
757Kb / 27P
   Future Technology Devices International Ltd.
Nov 2013
More results

Similar Description - FT312D-32Q1C-T

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT311D-32Q1C-R FTDI-FT311D-32Q1C-R Datasheet
1Mb / 40P
   USB Android Host IC
FT312D-32Q1C-R FTDI-FT312D-32Q1C-R Datasheet
757Kb / 27P
   USB Android Host IC
FT311D-32L1C-R FTDI-FT311D-32L1C-R Datasheet
1Mb / 40P
   USB Android Host IC
logo
Nanjing Qinheng Microel...
CH9343 WCH-CH9343 Datasheet
140Kb / 7P
   USB Android Host Chip
logo
Future Technology Devic...
VNC1L FTDI-VNC1L Datasheet
700Kb / 31P
   Embedded USB Host Controller IC
VNC1L-1A FTDI-VNC1L-1A Datasheet
767Kb / 32P
   Vinculum VNC1L Embedded USB Host Controller IC
VNC2-64L1B-REEL FTDI-VNC2-64L1B-REEL Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
VNC2-48Q1B-TRAY FTDI-VNC2-48Q1B-TRAY Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
VNC2-64L1B FTDI-VNC2-64L1B Datasheet
1Mb / 90P
   VINCULUM-II EMBEDDED DUAL USB HOST CONTROLLER IC
VNC2-32L1B-TRAY FTDI-VNC2-32L1B-TRAY Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com