Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT232HQ-TRAY Datasheet(PDF) 17 Page - Future Technology Devices International Ltd.

Part # FT232HQ-TRAY
Description  Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232HQ-TRAY Datasheet(HTML) 17 Page - Future Technology Devices International Ltd.

Back Button FT232HQ-TRAY Datasheet HTML 13Page - Future Technology Devices International Ltd. FT232HQ-TRAY Datasheet HTML 14Page - Future Technology Devices International Ltd. FT232HQ-TRAY Datasheet HTML 15Page - Future Technology Devices International Ltd. FT232HQ-TRAY Datasheet HTML 16Page - Future Technology Devices International Ltd. FT232HQ-TRAY Datasheet HTML 17Page - Future Technology Devices International Ltd. FT232HQ-TRAY Datasheet HTML 18Page - Future Technology Devices International Ltd. FT232HQ-TRAY Datasheet HTML 19Page - Future Technology Devices International Ltd. FT232HQ-TRAY Datasheet HTML 20Page - Future Technology Devices International Ltd. FT232HQ-TRAY Datasheet HTML 21Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
Copyright © Future Technology Devices International Limited
17
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.82
Clearance No.: FTDI #199
3.5.3 FT232H pins used in an FT245 Style Asynchronous FIFO Interface
The FT232H can be configured as a FT245 style asynchronous FIFO interface. When configured in this
mode, the pins used and the descriptions of the signals are shown in Table 3.8. To enter this mode the
external EEPROM must be set to 245 asynchronous FIFO mode. In this mode, data is written or read on
the falling edge of the RD# or WR# signals.
Pin No.
Name
Type
FT245 Configuration Description
13, 14, 15, 16, 17,
18, 19,20
ADBUS[7:0]
I/O
D7 to D0 bidirectional FIFO data. This bus is normally input
unless RD# is low.
21
RXF#
OUTPUT
When high, do not read data from the FIFO. When low, there is
data available in the FIFO which can be read by driving RD#
low. When RD# goes high again RXF# will always go high and
only become low again if there is another byte to read. During
reset this signal pin is tri-state, but pulled up to VCCIO via an
internal 200kΩ resistor.
25
TXE#
OUTPUT
When high, do not write data into the FIFO. When low, data
can be written into the FIFO by strobing WR# high, then low.
During reset this signal pin is tri-state, but pulled up to VCCIO
via an internal 200kΩ resistor.
26
RD#
INPUT
Enables the current FIFO data byte to be driven onto D0...D7
when RD# goes low. Fetches the next FIFO data byte (if
available) from the receive FIFO buffer when RD# goes high.
27
WR#
INPUT
Writes the data byte on the D0...D7 pins into the transmit FIFO
buffer when WR# goes from high to low.
28
SIWU#
INPUT
The Send Immediate / WakeUp signal combines two functions
on a single pin. If USB is in suspend mode (PWREN# = 1) and
remote wakeup is enabled in the EEPROM, strobing this pin low
will cause the device to request a resume on the USB Bus.
Normally, this can be used to wake up the Host PC.
During normal operation (PWREN# = 0), if this pin is strobed
low any data in the device RX buffer will be sent out over USB
on the next Bulk-IN request from the drivers regardless of the
pending packet size. This can be used to optimize USB transfer
speed for some applications. Tie this pin to VCCIO if not used.
Table 3.8 FT245 Style Asynchronous FIFO Configured Pin Descriptions
For a functional description of this mode, please refer to section 4.5


Similar Part No. - FT232HQ-TRAY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT232HQ-TRAY ETC2-FT232HQ-TRAY Datasheet
1Mb / 66P
   Future Technology Devices International Ltd
More results

Similar Description - FT232HQ-TRAY

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232HQ-REEL FTDI-FT232HQ-REEL Datasheet
1Mb / 66P
   Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232HL-REEL FTDI-FT232HL-REEL Datasheet
1Mb / 66P
   Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232HL FTDI-FT232HL Datasheet
1Mb / 65P
   FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232H FTDI-FT232H Datasheet
1Mb / 65P
   FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT2232H FTDI-FT2232H_10 Datasheet
1Mb / 63P
   DUAL HIGH SPEED USB TO MULTIPURPOSE UART/FIFO IC
FT2232HQ-REEL FTDI-FT2232HQ-REEL Datasheet
1Mb / 90P
   Dual High Speed USB to Multipurpose UART/FIFO IC
FT2232H FTDI-FT2232H_12 Datasheet
2Mb / 67P
   Dual High Speed USB to Multipurpose UART/FIFO IC
FT4232HQ-REEL FTDI-FT4232HQ-REEL Datasheet
1Mb / 55P
   Quad High Speed USB to Multipurpose UART/MPSSE IC
FT4232HL-REEL FTDI-FT4232HL-REEL Datasheet
1Mb / 55P
   Quad High Speed USB to Multipurpose UART/MPSSE IC
FT-MOD-4232HUB FTDI-FT-MOD-4232HUB Datasheet
1Mb / 55P
   Quad High Speed USB to Multipurpose UART/MPSSE IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com