Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT232HQ-REEL Datasheet(PDF) 50 Page - Future Technology Devices International Ltd.

Part # FT232HQ-REEL
Description  Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232HQ-REEL Datasheet(HTML) 50 Page - Future Technology Devices International Ltd.

Back Button FT232HQ-REEL Datasheet HTML 46Page - Future Technology Devices International Ltd. FT232HQ-REEL Datasheet HTML 47Page - Future Technology Devices International Ltd. FT232HQ-REEL Datasheet HTML 48Page - Future Technology Devices International Ltd. FT232HQ-REEL Datasheet HTML 49Page - Future Technology Devices International Ltd. FT232HQ-REEL Datasheet HTML 50Page - Future Technology Devices International Ltd. FT232HQ-REEL Datasheet HTML 51Page - Future Technology Devices International Ltd. FT232HQ-REEL Datasheet HTML 52Page - Future Technology Devices International Ltd. FT232HQ-REEL Datasheet HTML 53Page - Future Technology Devices International Ltd. FT232HQ-REEL Datasheet HTML 54Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 66 page
background image
Copyright © Future Technology Devices International Limited
50
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.82
Clearance No.: FTDI #199
The I/O pins are +3.3v cells, which are +5V tolerant (except the USB PHY pins).
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
2.4
VCCIO
VCCIO
V
Ioh = +/-2mA
I/O Drive strength*
= 4mA
2.4
VCCIO
VCCIO
V
I/O Drive strength*
= 8mA
2.4
VCCIO
VCCIO
V
I/O Drive strength*
= 12mA
2.4
VCCIO
VCCIO
V
I/O Drive strength*
= 16mA
Vol
Output Voltage Low
0
0.4
V
Iol = +/-2mA
I/O Drive strength*
= 4mA
0
0.4
V
I/O Drive strength*
= 8mA
0
0.4
V
I/O Drive strength*
= 12mA
0
0.4
V
I/O Drive strength*
= 16mA
Vil
Input low Switching
Threshold
0.8
V
LVTTL
Vih
Input High Switching
Threshold
2.0
V
LVTTL
Vt
Switching Threshold
1.5
V
LVTTL
Vt-
Schmitt trigger negative
going threshold voltage
0.8
1.1
V
Vt+
Schmitt trigger positive
going threshold voltage
1.6
2.0
V
Rpu
Input pull-up resistance
40
75
190
KΩ
Vin = 0
Rpd
Input pull-down
resistance
40
75
190
KΩ
Vin =VCCIO
Iin
Input Leakage Current
-10
+/-1
10
μA
Vin = 0
Ioz
Tri-state output leakage
current
-10
+/-1
10
μA
Vin = 5.5V or 0
Table 5.3 I/O Pin Characteristics VCCIO = +3.3V (except USB PHY pins)
* The I/O drive strength and slow slew-rate are configurable in the EEPROM.


Similar Part No. - FT232HQ-REEL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT232HQ-REEL ETC2-FT232HQ-REEL Datasheet
1Mb / 66P
   Future Technology Devices International Ltd
More results

Similar Description - FT232HQ-REEL

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232HQ-TRAY FTDI-FT232HQ-TRAY Datasheet
1Mb / 66P
   Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232HL-REEL FTDI-FT232HL-REEL Datasheet
1Mb / 66P
   Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232HL FTDI-FT232HL Datasheet
1Mb / 65P
   FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232H FTDI-FT232H Datasheet
1Mb / 65P
   FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT2232H FTDI-FT2232H_10 Datasheet
1Mb / 63P
   DUAL HIGH SPEED USB TO MULTIPURPOSE UART/FIFO IC
FT2232HQ-REEL FTDI-FT2232HQ-REEL Datasheet
1Mb / 90P
   Dual High Speed USB to Multipurpose UART/FIFO IC
FT2232H FTDI-FT2232H_12 Datasheet
2Mb / 67P
   Dual High Speed USB to Multipurpose UART/FIFO IC
FT4232HQ-REEL FTDI-FT4232HQ-REEL Datasheet
1Mb / 55P
   Quad High Speed USB to Multipurpose UART/MPSSE IC
FT4232HL-REEL FTDI-FT4232HL-REEL Datasheet
1Mb / 55P
   Quad High Speed USB to Multipurpose UART/MPSSE IC
FT-MOD-4232HUB FTDI-FT-MOD-4232HUB Datasheet
1Mb / 55P
   Quad High Speed USB to Multipurpose UART/MPSSE IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com