Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHIPI-X10 Datasheet(PDF) 3 Page - Future Technology Devices International Ltd.

Part # CHIPI-X10
Description  Chipi-X Cable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

CHIPI-X10 Datasheet(HTML) 3 Page - Future Technology Devices International Ltd.

  CHIPI-X10 Datasheet HTML 1Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 2Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 3Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 4Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 5Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 6Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 7Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 8Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Copyright © Future Technology Devices International Limited
Chipi-X Cable Datasheet
Version 1.1
Document Reference No.: FT_000634
Clearance No.: FTDI# 288
2
Driver Support
Royalty-Free VIRTUAL COM PORT (VCP)
DRIVERS for:
Windows 10 32,64-bit
Windows 8/8.1 32, 64-bit
Windows 7 32,64-bit
Windows Vista
Windows XP 32,64-bit
Windows XP Embedded
Windows CE.NET 4.2 , 5.0 and 6.0
MAC OS OS-X
Linux 2.6.32 or later Android
Royalty-Free D2XX Direct Drivers (USB Drivers +
DLL S/W Interface):
Windows 10 32,64-bit
Windows 8/8.1 32, 64-bit
Windows 7 32,64-bit
Windows Vista
Windows XP 32,64-bit
Windows XP Embedded
Windows CE.NET 4.2, 5.0 and 6.0
MAC OS OS-X
Linux 2.6.32 or later Android
The drivers listed above are all available to download for free from www.ftdichip.com. Various 3rd Party
Drivers are also available for various other operating systems - visit www.ftdichip.com for details.
For driver installation instructions please see:
http://www.ftdichip.com/Support/Documents/InstallGuides.htm.
3
Ordering Information
Part Number
Description
Chipi-X
Generic part number, no part assigned to this part number.
CHIPI-X10
USB to RS232 converter with a 10cm cable and an enclosure. FCC and CE approved.
CHIPI-X-NE10
USB to RS232 converter with a 10cm cable and no enclosure.
Table 3.1 – Chipi-X Ordering Information


Similar Part No. - CHIPI-X10

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
CHIP-1310-P5 ROITHNER-CHIP-1310-P5 Datasheet
62Kb / 2P
   Laser Diode Bare Chip
CHIP-650-P5 ROITHNER-CHIP-650-P5 Datasheet
256Kb / 3P
   Laser Diode Bare Chip
CHIP-980-P50 ROITHNER-CHIP-980-P50 Datasheet
150Kb / 2P
   Laser Diode Bare Chip
logo
Amphenol Corporation
CHIPCAP2 AMPHENOL-CHIPCAP2 Datasheet
222Kb / 4P
   Fully Calibrated & Temperature Compensated
logo
Littelfuse
CHIPSESD LITTELFUSE-CHIPSESD Datasheet
829Kb / 6P
   ChipSESD family of Silicon ESD devices
More results

Similar Description - CHIPI-X10

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
BM-MARM003F BEL-BM-MARM003F Datasheet
393Kb / 2P
   M12 X-Code Cable Assemblies
logo
Schneider Electric
TCSCCN4F3M1T SCHNEIDER-TCSCCN4F3M1T Datasheet
85Kb / 2P
   CANopen cable - 1 x RJ45 - cable 1 m
May 2, 2022
TCSCCN4F3M3T SCHNEIDER-TCSCCN4F3M3T Datasheet
85Kb / 2P
   CANopen cable - 1 x RJ45 - cable 3 m
May 2, 2022
VW3CANCARR1 SCHNEIDER-VW3CANCARR1 Datasheet
70Kb / 2P
   CANopen cable - 2 x RJ45 - cable 1 m
Sep 18, 2021
VW3CANCARR03 SCHNEIDER-VW3CANCARR03 Datasheet
70Kb / 2P
   CANopen cable - 2 x RJ45 - cable 0.3 m
Jan 21, 2022
logo
Hirose Electric
ZX40-B-5S-1000-STDA HIROSE-ZX40-B-5S-1000-STDA Datasheet
47Kb / 1P
   USB CABLE USB2.0 1P x AWG28 2C x AWG28
logo
Schneider Electric
AR8172BLK SCHNEIDER-AR8172BLK Datasheet
84Kb / 2P
   APC NetShelter Cable Management, Data Cable Partition, Black, 747 x 122 x 72 mm
Oct 17, 2021
logo
AAEON Technology
TF-PER-M05 AAEON-TF-PER-M05 Datasheet
554Kb / 1P
   1.57??(H) x 2.56??(W) x 4.65??(D) (40mm x 65mm x 118mm) (USB cable
logo
Schneider Electric
TSECL2MEM2S2 SCHNEIDER-TSECL2MEM2S2 Datasheet
101Kb / 1P
   Modicon ETB - Ethernet cable, 2 x M12
Apr 12, 2022
logo
Bud Industries, Inc.
CM-2201 BUD-CM-2201 Datasheet
54Kb / 1P
   CABLE MANAGEMENT PANEL 1U x 19"||" "350922
CDSUW-C Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com