Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1077X Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI1077X
Description  P-Channel 20 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1077X Datasheet(HTML) 2 Page - Vishay Siliconix

  SI1077X Datasheet HTML 1Page - Vishay Siliconix SI1077X Datasheet HTML 2Page - Vishay Siliconix SI1077X Datasheet HTML 3Page - Vishay Siliconix SI1077X Datasheet HTML 4Page - Vishay Siliconix SI1077X Datasheet HTML 5Page - Vishay Siliconix SI1077X Datasheet HTML 6Page - Vishay Siliconix SI1077X Datasheet HTML 7Page - Vishay Siliconix SI1077X Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Vishay Siliconix
Si1077X
Document Number: 63254
S12-3081-Rev. A, 24-Dec-12
www.vishay.com
2
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 20
V
VDS Temperature Coefficient
V
DS/TJ
ID = - 250 µA
- 11
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
2.4
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 0.4
- 1
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
± 10
µA
VDS = 0 V, VGS = ± 4.5 V
± 1
Zero Gate Voltage Drain Current
IDSS
VDS = - 20 V, VGS = 0 V
- 1
VDS = - 20 V, VGS = 0 V, TJ = 85 °C
- 10
On-State Drain Currenta
ID(on)
VDS =  - 5 V, VGS = - 4.5 V
- 8
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 1.8 A
0.065
0.078
VGS = - 2.5 V, ID = - 1 A
0.081
0.098
VGS = - 1.8 V, ID = - 1 A
0.100
0.130
VGS = - 1.5 V, ID = - 0.3 A
0.125
0.188
Forward Transconductance
gfs
VDS = - 10 V, ID = - 1.8 A
10
S
Dynamicb
Input Capacitance
Ciss
VDS = - 10 V, VGS = 0 V, f = 1 MHz
965
pF
Output Capacitance
Coss
110
Reverse Transfer Capacitance
Crss
101
Total Gate Charge
Qg
VDS = - 10 V, VGS = - 8 V, ID = - 1.75 A
20.7
31.1
nC
VDS = - 10 V, VGS = - 4.5 V, ID = - 1.75 A
12.1
18.2
Gate-Source Charge
Qgs
1.85
Gate-Drain Charge
Qgd
2.21
Gate Resistance
Rg
f = 1 MHz
3.6
18
36
Turn-On Delay Time
td(on)
VDD = - 10 V, RL = 7.1 
ID  - 1.4 A, VGEN = - 4.5 V, Rg = 1 
24
36
ns
Rise Time
tr
17
26
Turn-Off Delay Time
td(off)
95
145
Fall Time
tf
28
42
Turn-On Delay Time
td(on)
VDD = - 10 V, RL = 7.1 
ID = - 1.4 A, VGEN = - 8 V, Rg = 1 
510
ns
Rise Time
tr
816
Turn-Off Delay Time
td(off)
115
173
Fall Time
tf
26
39
Drain-Source Body Diode Characteristics
Pulse Diode Forward Currenta
ISM
- 8
A
Body Diode Voltage
VSD
IS = - 1.4 A
- 0.75
- 1.2
V
Body Diode Reverse Recovery Time
trr
IF = - 1.4 A, dI/dt = 100 A/µs
16
24
ns
Body Diode Reverse Recovery Charge
Qrr
714
nC
Reverse Recovery Fall Time
ta
9
ns
Reverse Recovery Rise Time
tb
7


Similar Part No. - SI1077X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1077X VISHAY-SI1077X_V01 Datasheet
171Kb / 8P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI1077X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com