Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1077X Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SI1077X
Description  P-Channel 20 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1077X Datasheet(HTML) 6 Page - Vishay Siliconix

  SI1077X Datasheet HTML 1Page - Vishay Siliconix SI1077X Datasheet HTML 2Page - Vishay Siliconix SI1077X Datasheet HTML 3Page - Vishay Siliconix SI1077X Datasheet HTML 4Page - Vishay Siliconix SI1077X Datasheet HTML 5Page - Vishay Siliconix SI1077X Datasheet HTML 6Page - Vishay Siliconix SI1077X Datasheet HTML 7Page - Vishay Siliconix SI1077X Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 11-Aug-14
1
Document Number: 71612
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SC-89 6-Leads (SOT-563F)
Notes
1. Dimensions in millimeters.
2. Dimension D does not include mold flash, protrusions or gate
burrs. Mold flush, protrusions or gate burrs shall not exceed
0.15 mm per dimension E1 does not include interlead flash
or protrusion, interlead flash or protrusion shall not exceed
0.15 mm per side.
3. Dimensions D and E1 are determined at the outmost extremes
of the plastic body exclusive of mold flash, the bar burrs, gate
burrs and interlead flash, but including any mismatch between
the top and the bottom of the plastic body.
4. Datums A, B and D to be determined 0.10 mm from the lead tip.
5. Terminal numbers are shown for reference only.
6. These dimensions apply to the flat section of the lead between
0.08 mm and 0.15 mm from the lead tip.
6
4
3
2
4
3
2
5
4
C
aaa
C
M
ddd
A–B
D
2x
e
B
6x b
C
aaa
2x
D
E/2
E
C
bbb
2x
12
3
65
4
E1
A
D
e1
L1
L
A
B
C
A1
A1
SECTION B-B
DETAIL “A”
SEE DETAIL “A”
DIM.
MILLIMETERS
MIN.
NOM.
MAX.
A
0.56
0.58
0.60
A1
0
0.02
0.10
b
0.15
0.22
0.30
c
0.10
0.14
0.18
D
1.50
1.60
1.70
E
1.50
1.60
1.70
E1
1.15
1.20
1.25
e
0.45
0.50
0.55
e1
0.95
1.00
1.05
L
0.25
0.35
0.50
L1
0.10
0.20
0.30
C14-0439-Rev. C, 11-Aug-14
DWG: 5880


Similar Part No. - SI1077X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1077X VISHAY-SI1077X_V01 Datasheet
171Kb / 8P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI1077X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com