Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC0805FRNPO8BN121 Datasheet(PDF) 3 Page - YAGEO Corporation

Part # CC0805FRNPO8BN121
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC0805FRNPO8BN121 Datasheet(HTML) 3 Page - YAGEO Corporation

  CC0805FRNPO8BN121 Datasheet HTML 1Page - YAGEO Corporation CC0805FRNPO8BN121 Datasheet HTML 2Page - YAGEO Corporation CC0805FRNPO8BN121 Datasheet HTML 3Page - YAGEO Corporation CC0805FRNPO8BN121 Datasheet HTML 4Page - YAGEO Corporation CC0805FRNPO8BN121 Datasheet HTML 5Page - YAGEO Corporation CC0805FRNPO8BN121 Datasheet HTML 6Page - YAGEO Corporation CC0805FRNPO8BN121 Datasheet HTML 7Page - YAGEO Corporation CC0805FRNPO8BN121 Datasheet HTML 8Page - YAGEO Corporation CC0805FRNPO8BN121 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.yageo.com
Nov. 24, 2016 V.15
Surface-Mount Ceramic Multilayer Capacitors
3
14
Product specification
General Purpose
16 V to 50 V
NP0
TYPE
L1 (mm)
W (mm)
T (MM)
L2 / L3 (mm) L4 (mm)
min.
max.
min.
0201
0.6 ± 0.03
0.3 ± 0.03
Refer to
table 2 to 5
0.10
0.20
0.20
0402
1.0 ± 0.05
0.5 ± 0.05
0.20
0.30
0.40
0603
1.6 ± 0.10
0.8 ± 0.10
0.20
0.60
0.40
0805
2.0 ± 0.10 (1)
1.25 ± 0.10 (1)
0.25
0.75
0.55
2.0 ± 0.20 (2)
1.25 ± 0.20 (2)
1206
3.2 ± 0.15 (1)
1.6 ± 0.15 (1)
0.25
0.75
1.40
3.2 ± 0.30 (2)
1.6 ± 0.20 (2)
1210
3.2 ± 0.20
2.5 ± 0.20
0.25
0.75
1.40
1812
4.5 ± 0.20
3.2 ± 0.20
0.25
0.75
2.20
NOTE
1.
Dimension for size 0805 and 1206, C ≤ 1 nF
2.
Dimension for size 0805 and 1206, C > 1 nF
Table 1 For outlines see fig. 2
DIMENSION
O
OU
UT
TL
LIIN
NE
ES
S
For dimension see Table 1
Fig. 2 Surface
mounted multilayer ceramic c
apacitor dimension
CONSTRUCTION
The capacitor consists of a
rectangular block of ceramic
dielectric in which a number of
interleaved metal electrodes
are contained. This structure
gives rise to a high capacitance
per unit volume.
The inner electrodes
are connected to the two
end terminations
and finally covered with a layer
of plated tin (NiSn). The
terminations are lead-free.
A cross section of the structure
is shown in Fig.1.
Fig. 1 Surface mounted multilayer ceramic capacitor construction


Similar Part No. - CC0805FRNPO8BN121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC0805FRNPO0BB121 YAGEO-CC0805FRNPO0BB121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
TDK Electronics
CC0805FRNPO0BB121 TDK-CC0805FRNPO0BB121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
YAGEO Corporation
CC0805FRNPO0BB121 YAGEO-CC0805FRNPO0BB121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805FRNPO0BN121 YAGEO-CC0805FRNPO0BN121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
TDK Electronics
CC0805FRNPO0BN121 TDK-CC0805FRNPO0BN121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC0805FRNPO8BN121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com