Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS55165 Datasheet(PDF) 15 Page - Texas Instruments

Part # TMS55165
Description  262144 BY 16-BIT MULTIPORT VIDEO RAM
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS55165 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMS55165 Datasheet HTML 11Page - Texas Instruments TMS55165 Datasheet HTML 12Page - Texas Instruments TMS55165 Datasheet HTML 13Page - Texas Instruments TMS55165 Datasheet HTML 14Page - Texas Instruments TMS55165 Datasheet HTML 15Page - Texas Instruments TMS55165 Datasheet HTML 16Page - Texas Instruments TMS55165 Datasheet HTML 17Page - Texas Instruments TMS55165 Datasheet HTML 18Page - Texas Instruments TMS55165 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 70 page
background image
TMS55165, TMS55166, TMS55175, TMS55176
262144 BY 16-BIT MULTIPORT VIDEO RAM
SMVS463 – DECEMBER 1995
15
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
byte-write (continued)
For late-write or read-modify-write cycles, WEL and WEU are both held high before CAS falls. After CAS falls,
either or both WEL and WEU are brought low to select the corresponding byte or bytes to be written. The data
is latched in with data setup and hold times for DQ0 – DQ15 referenced to the first falling edge of WEx
(see Figure 5).
DQ0 – DQ15
WEU
WEL
CAS
RAS
Valid Input
th(WLD)†
tsu(DWL)†
† See “timing requirements over recommended ranges of supply voltage and operating free-air temperature” table.
Figure 5. Example of a Late-Write Cycle
write-per-bit
The write-per-bit function allows masking any combination of the 16 DQs on any write cycle. The write-per-bit
operation is invoked when either or both WEL and WEU are held low on the falling edge of RAS. Either WEx
allows entry of the entire 16-bit mask on DQ0 – DQ15. Byte control of the mask input is not allowed. If both WEL
and WEU are held high on the falling edge of RAS, the write operation is performed without any masking. There
are two write-per-bit modes: the nonpersistent write-per-bit and the persistent write-per-bit.


Similar Part No. - TMS55165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS55160 TI-TMS55160 Datasheet
1Mb / 67P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAMS
TMS55160-60DGH TI-TMS55160-60DGH Datasheet
1Mb / 67P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAMS
TMS55160-70DGH TI-TMS55160-70DGH Datasheet
1Mb / 67P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAMS
TMS55160-70DGHR TI-TMS55160-70DGHR Datasheet
1Mb / 67P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAMS
TMS55161 TI-TMS55161 Datasheet
1Mb / 67P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAMS
More results

Similar Description - TMS55165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ55166 TI-SMJ55166 Datasheet
1Mb / 62P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55161 TI-SMJ55161 Datasheet
1Mb / 64P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ44C251 TI-SMJ44C251 Datasheet
950Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
SMJ44C251B TI-SMJ44C251B Datasheet
930Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
TMS55160 TI-TMS55160 Datasheet
1Mb / 67P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAMS
logo
Austin Semiconductor
SM55161A AUSTIN-SM55161A Datasheet
1Mb / 64P
   262144 x 16 BIT VRAM MULTIPORT VIDEO RAM
logo
Mitsubishi Electric Sem...
M5M5V416BUG-70HI MITSUBISHI-M5M5V416BUG-70HI Datasheet
90Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5W416CWG-85HI MITSUBISHI-M5M5W416CWG-85HI Datasheet
162Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M54R16AJ-10 MITSUBISHI-M5M54R16AJ-10 Datasheet
63Kb / 7P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V416BTP MITSUBISHI-M5M5V416BTP Datasheet
110Kb / 11P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com