Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZX84C12-G Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. BZX84C12-G
Description  Silicon planar Zener diodes
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX84C12-G Datasheet(HTML) 1 Page - Vishay Siliconix

  BZX84C12-G Datasheet HTML 1Page - Vishay Siliconix BZX84C12-G Datasheet HTML 2Page - Vishay Siliconix BZX84C12-G Datasheet HTML 3Page - Vishay Siliconix BZX84C12-G Datasheet HTML 4Page - Vishay Siliconix BZX84C12-G Datasheet HTML 5Page - Vishay Siliconix BZX84C12-G Datasheet HTML 6Page - Vishay Siliconix BZX84C12-G Datasheet HTML 7Page - Vishay Siliconix BZX84C12-G Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BZX84-G-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 28-Feb-13
1
Document Number: 83458
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Zener Diodes
FEATURES
• Silicon planar Zener diodes
• The Zener voltages are graded according to the
international E24 standard. Standard Zener
voltage tolerance is ± 5 %, indicated by the “C”
in the ordering code. Replace “C” with “B” for
± 2 % tolerance.
• AEC-Q101 qualified
• ESD capability acc. to AEC-Q101:
human body model: > 8 kV,
machine model: > 800 V
• Base P/N-G3 - green, commercial grade
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
PRIMARY CHARACTERISTICS
PARAMETER
VALUE
UNIT
VZ range nom.
2.4 to 75
V
Test current IZT
2; 5
mA
VZ specification
Pulse current
Int. construction
Single
20421
1
2
3
ORDERING INFORMATION
DEVICE NAME
ORDERING CODE
TAPED UNITS PER REEL
MINIMUM ORDER QUANTITY
BZX84-G-series
BZX84C2V4-G3-08 to BZX84C75-G3-08
3000 (8 mm tape on 7" reel)
15 000
BZX84B2V4-G3-08 to BZX84B75-G3-08
BZX84C2V4-G3-18 to BZX84C75-G3-18
10 000 (8 mm tape on 13" reel)
10 000
BZX84B2V4-G3-18 to BZX84B75-G3-18
PACKAGE
PACKAGE NAME
WEIGHT
MOLDING COMPOUND
FLAMMABILITY RATING
MOISTURE SENSITIVITY
LEVEL
SOLDERING CONDITIONS
SOT-23
8.1 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Power dissipation
Tamb = 25 °C, device on fiberglass substrate,
acc. layout on page 7
Ptot
300
mW
Thermal resistance junction to ambient air
Tamb = 25 °C, device on fiberglass substrate,
acc. layout on page 7
RthJA
420
K/W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
- 65 to + 150
°C
Operating temperature range
Top
- 55 to + 150
°C


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn