Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS4C2972 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS4C2972
Description  245760 BY 12-BIT FIELD MEMORY
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS4C2972 Datasheet(HTML) 3 Page - Texas Instruments

  TMS4C2972 Datasheet HTML 1Page - Texas Instruments TMS4C2972 Datasheet HTML 2Page - Texas Instruments TMS4C2972 Datasheet HTML 3Page - Texas Instruments TMS4C2972 Datasheet HTML 4Page - Texas Instruments TMS4C2972 Datasheet HTML 5Page - Texas Instruments TMS4C2972 Datasheet HTML 6Page - Texas Instruments TMS4C2972 Datasheet HTML 7Page - Texas Instruments TMS4C2972 Datasheet HTML 8Page - Texas Instruments TMS4C2972 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
TMS4C2972
245760 BY 12-BIT
FIELD MEMORY
SMGS671 – OCTOBER 1997
3
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
VSS1
1
Ground
D11
2
Data Input
D10
3
Data Input
D09
4
Data Input
D08
5
Data Input
D07
6
Data Input
D06
7
Data Input
D05
8
Data Input
D04
9
Data Input
D03
10
Data Input
D02
11
Data Input
D01
12
Data Input
D0
13
Data Input
SWCK
14
Serial Write Clock
RSTW
15
Reset Write
WE
16
Write Enable
IE
17
Input Enable
VDD1
18
+5-V Power
VDD2
19
+5-V Power
OE
20
Output Enable
RE
21
Read Enable
RSTR
22
Reset Read
SRCK
23
Serial Read Clock
Q0
24
Data Output
Q1
25
Data Output
Q3
26
Data Output
Q4
27
Data Output
Q5
28
Data Output
Q6
29
Data Output
Q7
30
Data Output
Q8
31
Data Output
Q9
32
Data Output
Q10
33
Data Output
Q11
34
Data Output
Q12
35
Data Output
VSS2
36
Ground


Similar Part No. - TMS4C2972

ManufacturerPart #DatasheetDescription
logo
Telecommunication Elec...
TMS400 TELTRON-TMS400 Datasheet
885Kb / 2P
   microwave motion sensor
logo
Texas Instruments
TMS4024 TI-TMS4024 Datasheet
172Kb / 5P
[Old version datasheet]   9 X 64 DIGITAL STORAGE BUFFER (FIFO)
TMS4024JC TI-TMS4024JC Datasheet
172Kb / 5P
[Old version datasheet]   9 X 64 DIGITAL STORAGE BUFFER (FIFO)
TMS4024NC TI-TMS4024NC Datasheet
172Kb / 5P
[Old version datasheet]   9 X 64 DIGITAL STORAGE BUFFER (FIFO)
TMS4027JL TI1-TMS4027JL Datasheet
460Kb / 11P
[Old version datasheet]   4096-bit dynamic random-access memory
More results

Similar Description - TMS4C2972

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM54V12222B OKI-MSM54V12222B Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
   262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
   262,214-Word x 12-Bit Field Memory
MSM548331 OKI-MSM548331 Datasheet
245Kb / 23P
   222,720-Word x 12-Bit Field Memory
MSM548332 OKI-MSM548332 Datasheet
246Kb / 23P
   278,400-Word x 12-Bit Field Memory
MSM5412222B OKI-MSM5412222B Datasheet
134Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
logo
Texas Instruments
TMS29F040 TI-TMS29F040 Datasheet
482Kb / 37P
[Old version datasheet]   524288 BY 8-BIT FLASH MEMORY
TMS28F210 TI-TMS28F210 Datasheet
367Kb / 25P
[Old version datasheet]   65536 BY 16-BIT FLASH MEMORY
TMS29F010 TI-TMS29F010 Datasheet
465Kb / 36P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B TI-TMS28F010B Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com