Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLW.8600 Datasheet(PDF) 2 Page - Texas Instruments

Part No. TLW.8600
Description  clear, non diffused LED
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

TLW.8600 Datasheet(HTML) 2 Page - Texas Instruments

  TLW.8600 Datasheet HTML 1Page - Texas Instruments TLW.8600 Datasheet HTML 2Page - Texas Instruments TLW.8600 Datasheet HTML 3Page - Texas Instruments TLW.8600 Datasheet HTML 4Page - Texas Instruments TLW.8600 Datasheet HTML 5Page - Texas Instruments TLW.8600 Datasheet HTML 6Page - Texas Instruments TLW.8600 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number 83168
Rev. A4, 22-Apr-03
VISHAY
TLW.8600
Vishay Semiconductors
Optical and Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Red
TLWR8600
Yellow
TLWY8600
Storage temperature range
Tstg
- 55 to + 110
°C
Soldering temperature
t
≤ 5 s, 1.5 mm from body
preheat temperature
100 °C/ 30 sec.
Tsd
260
°C
Thermal resistance junction/
ambient
with cathode heatsink
of 70 mm2
RthJA
200
K/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Total flux
IF = 70 mA, RthJA = 200 °K/W
φV
2000
3000
mlm
Luminous intensity/Total flux
IF = 70 mA, RthJA = 200 °K/W
IVV
0.8
mcd/mlm
Dominant wavelength
IF = 70 mA, RthJA = 200 °K/W
λd
611
615
634
nm
Peak wavelength
IF = 70 mA, RthJA = 200 °K/W
λ
p
624
nm
Angle of half intensity
IF = 70 mA, RthJA = 200 °K/W
ϕ
± 30
deg
Total included angle
90 % of Total Flux Captured
ϕ
0.9V
75
deg
Forward voltage
IF = 70 mA, RthJA = 200 °K/W
VF
1.83
2.2
2.67
V
Reverse voltage
IR = 10 µA
VR
10
20
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
17
pF
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Total flux
IF = 70 mA, RthJA = 200 °K/W
φV
2000
3000
mlm
Luminous intensity/Total flux
IF = 70 mA, RthJA = 200 °K/W
IVV
0.8
mcd/mlm
Dominant wavelength
IF = 70 mA, RthJA = 200 °K/W
λd
585
590
597
nm
Peak wavelength
IF = 70 mA, RthJA = 200 °K/W
λ
p
594
nm
Angle of half intensity
IF = 70 mA, RthJA = 200 °K/W
ϕ
± 30
deg
Total included angle
90 % of Total Flux Captured
ϕ
0.9V
75
deg
Forward voltage
IF = 70 mA, RthJA = 200 °K/W
VF
1.83
2.1
2.67
V
Reverse voltage
IR = 10 µA
VR
10
15
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
17
pF
Parameter
Test condition
Symbol
Value
Unit


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn