Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLW.8600 Datasheet(PDF) 4 Page - Texas Instruments

Part No. TLW.8600
Description  clear, non diffused LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLW.8600 Datasheet(HTML) 4 Page - Texas Instruments

  TLW.8600 Datasheet HTML 1Page - Texas Instruments TLW.8600 Datasheet HTML 2Page - Texas Instruments TLW.8600 Datasheet HTML 3Page - Texas Instruments TLW.8600 Datasheet HTML 4Page - Texas Instruments TLW.8600 Datasheet HTML 5Page - Texas Instruments TLW.8600 Datasheet HTML 6Page - Texas Instruments TLW.8600 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
4
Document Number 83168
Rev. A4, 22-Apr-03
VISHAY
TLW.8600
Vishay Semiconductors
Figure 7. Forward Current vs. Forward Voltage
Figure 8. Rel. Luminous Flux vs. Ambient Temperature
Figure 9. Specific Luminous Flux vs. Forward Current
0
10
20
30
40
50
60
70
80
90
100
1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5
VF – Forward Voltage(V)
15974
Red
Yellow
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-40
-20
0
20
40
60
80
100
Tamb – Ambient Temperature ( °C)
18021
IF =70mA
Red
0.1
1.0
1
10
100
IF - Forward Current ( mA )
18022
Red
Figure 10. Relative Luminous Flux vs. Forward Current
Figure 11. Relative Intensity vs. Wavelength
Figure 12. Forward Current vs. Forward Voltage
0.01
0.10
1.00
10.00
1
10
100
IF – Forward Current ( mA )
15978
Red
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
570 580 590 600 610 620 630 640 650 660 670
l – Wavelength ( nm )
16007
IF = 50 mA
Red
0
10
20
30
40
50
60
70
80
90
100
1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4
VF – Forward Voltage(V)
15975
Yellow


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn