Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC0201FPNPO7BN121 Datasheet(PDF) 10 Page - YAGEO Corporation

Part # CC0201FPNPO7BN121
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC0201FPNPO7BN121 Datasheet(HTML) 10 Page - YAGEO Corporation

Back Button CC0201FPNPO7BN121 Datasheet HTML 6Page - YAGEO Corporation CC0201FPNPO7BN121 Datasheet HTML 7Page - YAGEO Corporation CC0201FPNPO7BN121 Datasheet HTML 8Page - YAGEO Corporation CC0201FPNPO7BN121 Datasheet HTML 9Page - YAGEO Corporation CC0201FPNPO7BN121 Datasheet HTML 10Page - YAGEO Corporation CC0201FPNPO7BN121 Datasheet HTML 11Page - YAGEO Corporation CC0201FPNPO7BN121 Datasheet HTML 12Page - YAGEO Corporation CC0201FPNPO7BN121 Datasheet HTML 13Page - YAGEO Corporation CC0201FPNPO7BN121 Datasheet HTML 14Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
www.yageo.com
Nov. 24, 2016 V.15
Surface-Mount Ceramic Multilayer Capacitors
10
14
Product specification
General Purpose
16 V to 50 V
NP0
Fig. 5
Typical tan δ as a function of temperature
SOLDERING RECOMMENDATION
Table 8
SOLDERING
METHOD
SIZE
0201
0402
0603
0805
1206
≥ 1210
Reflow
Reflow only
≥ 0.1 µF
≥ 1.0 µF
≥ 2.2 µF
≥ 4.7 µF
Reflow only
Reflow/Wave
---
< 0.1 µF
< 1.0 µF
< 2.2 µF
< 4.7 µF
---


Similar Part No. - CC0201FPNPO7BN121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC0201FPNPO7BN151 YAGEO-CC0201FPNPO7BN151 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC0201FPNPO7BN121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com