Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP222A Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP222A
Description  TOSHIBA Photocoupler Photorelay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP222A Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP222A Datasheet HTML 1Page - Toshiba Semiconductor TLP222A Datasheet HTML 2Page - Toshiba Semiconductor TLP222A Datasheet HTML 3Page - Toshiba Semiconductor TLP222A Datasheet HTML 4Page - Toshiba Semiconductor TLP222A Datasheet HTML 5Page - Toshiba Semiconductor TLP222A Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TLP222A,TLP222A-2
2002-04-25
5
Ambient temperature Ta (°C)
IOFF – Ta
Ambient temperature Ta (°C)
tON, tOFF – Ta
Input current IF (mA)
tON, tOFF – IF
1
3
5
10
30
50
100
300
30
50
100
300
500
1000
3000
5000
Ta
= 25°C
VDD = 20 V
RL = 200 W
tOFF
tON
VDD = 20 V
RL = 200 W
IF = 5 mA
10
-20
3000
1000
300
100
30
0
20
40
80
80
100
tOFF
tON
0.1
-20
30
10
3
1
0.3
0
20
40
80
80
100
VOFF = 60 V


Similar Part No. - TLP222A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP222A TOSHIBA-TLP222A Datasheet
187Kb / 6P
   Measurement and Control Equipment
TLP222A TOSHIBA-TLP222A Datasheet
181Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP222A-2 TOSHIBA-TLP222A-2 Datasheet
187Kb / 6P
   Measurement and Control Equipment
TLP222A-2 TOSHIBA-TLP222A-2 Datasheet
181Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP222AF TOSHIBA-TLP222AF Datasheet
181Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
More results

Similar Description - TLP222A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP4027G TOSHIBA-TLP4027G Datasheet
164Kb / 7P
   TOSHIBA Photocoupler Photorelay
TLP4197G TOSHIBA-TLP4197G Datasheet
156Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTORELAY
TLP174GA TOSHIBA-TLP174GA Datasheet
139Kb / 6P
   TOSHIBA Photocoupler Photorelay
TLP202G TOSHIBA-TLP202G Datasheet
131Kb / 6P
   TOSHIBA Photocoupler Photorelay
TLP4597G TOSHIBA-TLP4597G_14 Datasheet
250Kb / 6P
   TOSHIBA Photocoupler Photorelay
TLX9160T TOSHIBA-TLX9160T Datasheet
511Kb / 7P
   TOSHIBA Photocoupler Photorelay
2021-04-01
TLP172G TOSHIBA-TLP172G Datasheet
138Kb / 6P
   TOSHIBA Photocoupler Photorelay
TLP176GA TOSHIBA-TLP176GA Datasheet
158Kb / 6P
   TOSHIBA Photocoupler Photorelay
TLP592A TOSHIBA-TLP592A_14 Datasheet
250Kb / 6P
   TOSHIBA Photocoupler Photorelay
TLP4026G TOSHIBA-TLP4026G Datasheet
399Kb / 8P
   TOSHIBA Photocoupler Photorelay
2019-06-24
TLP170A TOSHIBA-TLP170A Datasheet
350Kb / 6P
   TOSHIBA Photocoupler Photorelay
2019-06-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com