Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM2J07PE5110N9LF Datasheet(PDF) 1 Page - FCI connector

Part # HM2J07PE5110N9LF
Description  MILLIPACS 2MM HARD METRICS SERIES - RIGHT ANGLE HEADER CONNECTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

HM2J07PE5110N9LF Datasheet(HTML) 1 Page - FCI connector

  HM2J07PE5110N9LF Datasheet HTML 1Page - FCI connector HM2J07PE5110N9LF Datasheet HTML 2Page - FCI connector HM2J07PE5110N9LF Datasheet HTML 3Page - FCI connector HM2J07PE5110N9LF Datasheet HTML 4Page - FCI connector HM2J07PE5110N9LF Datasheet HTML 5Page - FCI connector HM2J07PE5110N9LF Datasheet HTML 6Page - FCI connector HM2J07PE5110N9LF Datasheet HTML 7Page - FCI connector HM2J07PE5110N9LF Datasheet HTML 8Page - FCI connector HM2J07PE5110N9LF Datasheet HTML 9Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
OVERVIEW
Milipacs® Hard Metric Right Angle header Modules are
available in all popular versions - Type A, B, C, B19, B22, AB22
and AB25 with shielding row option.
A variety of pin layout configurations are available to support
PCI modules for standard form factors.
The system is designed for applications requiring co-planar
board-to-board connection within the normal Hard metric
environment. When used in conjunction with Right Angle
Receptacles, this system is suitable for Extender or Test Card
designs. In addition to co-planar design, these Right Angle
Headers can also be used in applications that require an
industrial Backplane. Vertical receptacles can be used in
place of Vertical Headers on the Backplanes and Right Angle
Headers are used on the Daughter Cards. Right angle header
connectors are provided with cable latch lock feature which
allow mating to receptacle cable connectors which extends
the usage to input – output applications.
Right angle Hard metric (HM) connectors are targeted on
the communication and I&I segments and for applications like
Plug in Unit, Embedded computer, CPCI racks and
Highend router.
BACKPLANE CONNECTORS
FEATURES & BENEFITS
• Millipacs right angle connectors are offered in
Types A, B, C, B19, B22, AB22 and AB25
• Housings are with cable latch lock feature
• Custom contact loading patterns are available
TECHNICAL INFORMATION
PERFORMANCE CHARACTERISTICS
• Operating temperature: -55°C to +125°C
• Operating current:
1.5A at 20°C
1.0A at 70°C
• Contact resistance: 20mΩ max.
• Insulation resistance: 104MΩ min.
• Mating force: 0.75 N max. per contact pair
• Performance level: 2; 250 Matings, Other performance
levels are available up on request
MILLIPACS®2MM HARD METRICS SERIES
- RIGHT ANGLE HEADER CONNECTORS


Similar Part No. - HM2J07PE5110N9LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
HM2J09PE5110N9LF FCI-CONNECTOR-HM2J09PE5110N9LF Datasheet
157Kb / 1P
   MPACS RA HDR TYPE C, SHIELDED
More results

Similar Description - HM2J07PE5110N9LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
HM2R01PA5100L9LF FCI-CONNECTOR-HM2R01PA5100L9LF Datasheet
226Kb / 3P
   MILLIPACS 2mm HARD METRIC SERIES - RIGHT ANGLE RECEPTACLE CONNECTORS
HM2DK1457PLF FCI-CONNECTOR-HM2DK1457PLF Datasheet
375Kb / 3P
   MILLIPACS 2mm HARD METRIC SERIES- ACCESSORIES
HM2DK1567PLF FCI-CONNECTOR-HM2DK1567PLF Datasheet
375Kb / 3P
   MILLIPACS 2mm HARD METRIC SERIES- ACCESSORIES
logo
Tyco Electronics
5188578-1 MACOM-5188578-1 Datasheet
84Kb / 1P
   2mm Hard Metric PCB Mount Connectors
logo
FCI connector
HM2A30PG5000LF FCI-CONNECTOR-HM2A30PG5000LF Datasheet
1Mb / 7P
   Millipacs (2 mm Hard-Metric) Signal Connector ??IEC specifications
logo
Hirose Electric
PCN21-P-CK HIROSE-PCN21-P-CK Datasheet
620Kb / 10P
   2mm Hard Metric Connector
PO21M-6P-SA HIROSE-PO21M-6P-SA Datasheet
707Kb / 10P
   2mm Hard Metric Coaxial Connector
logo
FCI connector
HM2C01D0C010N9LF FCI-CONNECTOR-HM2C01D0C010N9LF Datasheet
651Kb / 22P
   Millipacs HM 5 and 8 Row Right Angle & Straight Signal Receptacles
logo
LUMEX INC.
SSF-LXH22573LGGD LUMEX-SSF-LXH22573LGGD Datasheet
84Kb / 1P
   2mm X 5mm PIGGYBACK RIGHT ANGLE INDICATOR
SSF-LXH22573IGD LUMEX-SSF-LXH22573IGD Datasheet
86Kb / 1P
   2mm X 5mm PIGGYBACK RIGHT ANGLE INDICATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com