Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM2A30PG5000LF Datasheet(PDF) 7 Page - FCI connector

Part # HM2A30PG5000LF
Description  Millipacs (2 mm Hard-Metric) Signal Connector ??IEC specifications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

HM2A30PG5000LF Datasheet(HTML) 7 Page - FCI connector

  HM2A30PG5000LF Datasheet HTML 1Page - FCI connector HM2A30PG5000LF Datasheet HTML 2Page - FCI connector HM2A30PG5000LF Datasheet HTML 3Page - FCI connector HM2A30PG5000LF Datasheet HTML 4Page - FCI connector HM2A30PG5000LF Datasheet HTML 5Page - FCI connector HM2A30PG5000LF Datasheet HTML 6Page - FCI connector HM2A30PG5000LF Datasheet HTML 7Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TYPE
PRODUCT SPECIFICATIONS
NUMBER
GS-12-203
TITLE
PAGE
REVISION
7 of 7
C
AUTHORIZED BY
DATE
Millipacs (2 mm Hard-Metric) Signal Connector –
IEC specifications
STATUS
UNRESTRICTED
Copyright 2001 FCI USA, INC.
Form E-3334 09/18/00
GS-01-001
REVISION RECORD
REV
PAGE
DESCRIPTION
EC #
DATE
A
All
New Release
B20028
11feb2002
B
All
Design upgrade on Millipacs RA Receptacle &
Shielding Accessory
I04-0112
30Dec2004
C
All
Logo Change
I06-0085
22 Jun2006
PDM: Rev:C
Released
.
STATUS:
Printed: Nov 27, 2010


Similar Part No. - HM2A30PG5000LF

ManufacturerPart #DatasheetDescription
logo
RFE international
HM2A300W-10R-J-250 RFE-HM2A300W-10R-J-250 Datasheet
120Kb / 2P
   HIGH POWER WIRE WOUND RESISTOR HM Series: Metal-Clad, High Wattage
More results

Similar Description - HM2A30PG5000LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
HM2DK1457PLF FCI-CONNECTOR-HM2DK1457PLF Datasheet
375Kb / 3P
   MILLIPACS 2mm HARD METRIC SERIES- ACCESSORIES
HM2DK1567PLF FCI-CONNECTOR-HM2DK1567PLF Datasheet
375Kb / 3P
   MILLIPACS 2mm HARD METRIC SERIES- ACCESSORIES
HM2R01PA5100L9LF FCI-CONNECTOR-HM2R01PA5100L9LF Datasheet
226Kb / 3P
   MILLIPACS 2mm HARD METRIC SERIES - RIGHT ANGLE RECEPTACLE CONNECTORS
logo
Hirose Electric
PCN21-P-CK HIROSE-PCN21-P-CK Datasheet
620Kb / 10P
   2mm Hard Metric Connector
PO21M-6P-SA HIROSE-PO21M-6P-SA Datasheet
707Kb / 10P
   2mm Hard Metric Coaxial Connector
logo
FCI connector
HM2J07PE5110N9LF FCI-CONNECTOR-HM2J07PE5110N9LF Datasheet
734Kb / 10P
   MILLIPACS 2MM HARD METRICS SERIES - RIGHT ANGLE HEADER CONNECTORS
logo
Amphenol Communications...
BSC201907004 AMPHENOLCS-BSC201907004 Datasheet
108Kb / 1P
   MILLIPACS 2/TYPE A/SHIELDED
Rev. C
logo
Allen-Bradley
100-K ALLEN-BRADLEY-100-K Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
logo
Tyco Electronics
5188578-1 MACOM-5188578-1 Datasheet
84Kb / 1P
   2mm Hard Metric PCB Mount Connectors
logo
Amphenol Communications...
BSC201630027 AMPHENOLCS-BSC201630027 Datasheet
125Kb / 1P
   MILLIPACS 52 ROW SHROUD TYPE-A (25POS)
Rev E
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com