Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A5P8250 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # A5P8250
Description  SOLID STATE POWER AMPLIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

A5P8250 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  A5P8250 Datasheet HTML 1Page - Teledyne Technologies Incorporated A5P8250 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS ARE IN INCHES [MILLIMETERS]
SPECIFICATIONS*
INTERMODULATION PERFORMANCE
ABSOLUTE MAXIMUM RATINGS
PRELIMINARY
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
DIMENSIONS ARE IN INCHES [MILLIMETERS]
2 TO 8 GHz
SOLID STATE POWER AMPLIFIER
A5P8250
Typical Values
A5P8250
High Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
40.0 dB
High Output Level . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1 Watt
High Third Order I.P. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+42 dBm
Supply Voltage Internal Regulated
Ultra-Fast TTL Control Response . . . . . . . . . . . . . . . . . . . .
20 hs
Temperature Compensation for Low Gain Drift over Temp.
High Performance Thin Film
Power Pack SMA Package
Small Signal Gain (Min.)
40.0 dB
40.0 dB
40.0 dB
Gain Flatness (Max.)
±0.5 dB
±0.8 dB
±1.0 dB
Noise Figure (Max.)
4.4 dB
4.5 dB
4.7 dB
SWR (Max.)
Input/Output
1.7:1
1.9:1
2.0:1
Power Output (Min.)
@ 1dB comp.
2-8 GHz
+29.0 dBm
+29.0 dBm
+29.0 dBm
Reverse Isolation
55 dB
——
DC Current
(Max.)
680 mA
680 mA
750 mA
Guaranteed
Parameter
Typical
0 to 50 °C
-55 to +85 °C
Frequency (Min.)
2-8 GHz
2.5-8 GHz
2.5-8 GHz
Typical @ 25 °C
A5P8250
Second Order Harmonic Intercept Point. . . . . . . . . . . . . . . +64 to +55 dBm
Second Order Two Tone Intercept Point . . . . . . . . . . . . . . . +58 to +49 dBm
Third Order Two Tone Intercept Point . . . . . . . . . . . . . . . . . +42 to +37 dBm
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -62 to +125 °C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . . . . .
+125 °C
Maximum DC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+22 Volts
Maximum Continuous RF Input Power . . . . . . . . . . . . . . . .
+23 dBm
Burn-in Temperature
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+105 °C
Thermal Resistance1 (θjc) . . . . . . . . . . . . . . . . . . . . . . . . . .
+5.5 °C/Watt
Junction Temperature Rise Above Case (Tjc) . . . . . . . . . . .
+56 °C
1 Thermal resistance is based on total power dissipation.
* Measured in a 50-ohm system at +15 Vdc unless otherwise specified.
A5P8250
Power Pack SMA Case
(five-stage)


Similar Description - A5P8250

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
A4CP18240 TELEDYNE-A4CP18240 Datasheet
135Kb / 2P
   SOLID STATE POWER AMPLIFIER
logo
MTRONPTI
PA1014 MTRONPTI-PA1014 Datasheet
359Kb / 3P
   Solid State High Power Amplifier
PA1016 MTRONPTI-PA1016 Datasheet
855Kb / 3P
   Solid State High Power Amplifier
PA3034 MTRONPTI-PA3034 Datasheet
100Kb / 2P
   Solid State High Power Amplifier
PA2020 MTRONPTI-PA2020 Datasheet
918Kb / 3P
   Solid State High Power Amplifier
PA1067 MTRONPTI-PA1067 Datasheet
416Kb / 2P
   Solid State High Power Amplifier
PA1068 MTRONPTI-PA1068 Datasheet
1Mb / 2P
   Solid State High Power Amplifier
PA2037 MTRONPTI-PA2037 Datasheet
127Kb / 2P
   Solid State High Power Amplifier
PA1052 MTRONPTI-PA1052 Datasheet
1,006Kb / 2P
   Solid State High Power Amplifier
logo
RFHIC
RCP25400-20L RFHIC-RCP25400-20L Datasheet
362Kb / 6P
   GaN Solid State Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com