Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4302RGTR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # THS4302RGTR
Description  WIDEBAND FIXED-GAIN AMPLIFIER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4302RGTR Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS4302RGTR Datasheet HTML 7Page - Texas Instruments THS4302RGTR Datasheet HTML 8Page - Texas Instruments THS4302RGTR Datasheet HTML 9Page - Texas Instruments THS4302RGTR Datasheet HTML 10Page - Texas Instruments THS4302RGTR Datasheet HTML 11Page - Texas Instruments THS4302RGTR Datasheet HTML 12Page - Texas Instruments THS4302RGTR Datasheet HTML 13Page - Texas Instruments THS4302RGTR Datasheet HTML 14Page - Texas Instruments THS4302RGTR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
www.ti.com
TYPICAL THS4302 CHARACTERISTICS (3 V)
0
2
4
6
8
10
12
14
16
100 k
1 M
10 M
100 M
1 G
10 G
f − Frequency − Hz
RL = 100 Ω
VO = 100 mV
VS = 3 V
0
2
4
6
8
10
12
14
16
100 k
1 M
10 M
100 M
1G
10 G
f − Frequency − Hz
RL = 100 Ω
VO = 0.5 V
VS = 3 V
0
500
1000
1500
2000
2500
3000
3500
4000
0
0.25
0.5
0.75
1
1.25
1.5
VO − Output Voltage − V
RL = 100 Ω
VS = 3 V
Fall
Rise
0.75
1
1.25
1.5
1.75
2
2.25
1
10
100
1000
RL − Load Resistance − Ω
VS = 3 V
TA = −40 to 85°C
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
10 M
100 M
1 G
1
f − Frequency − Hz
R(ISO) = 12.1 Ω,
CL = 47 pF
RL = 100 Ω,
VS = 5 V
R(ISO) = 8 Ω,
CL = 100 pF
R(ISO) = 24.9 Ω,
CL = 10 pF
13.92
13.94
13.96
13.98
14
14.02
14.04
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
Case Temperature −
°C
VS = 3 V
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
1 M
10 M
100 M
1 G
10 G
f − Frequency − Hz
Source
C
50
50
50
50
RF
RG
VS = 3 V
S22
S11
S12
+
0
2
4
6
8
10
12
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
Case Temperature −
°C
VS = 3 V
0
0.5
1
1.5
2
2.5
3
3.5
4
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
VS = 3 V
Case Temperature −
°C
THS4302
SLOS403G – OCTOBER 2002 – REVISED JANUARY 2005
SLEW RATE
SMALL SIGNAL
LARGE SIGNAL
vs
FREQUENCY RESPONSE
FREQUENCY RESPONSE
OUTPUT VOLTAGE
Figure 34.
Figure 35.
Figure 36.
OUTPUT VOLTAGE
GAIN
vs
CAPACITIVE LOAD
vs
LOAD RESISTANCE
FREQUENCY RESPONSE
CASE TEMPERATURE
Figure 37.
Figure 38.
Figure 39.
S-PARAMETER
INPUT OFFSET VOLTAGE
POSITIVE INPUT BIAS CURRENT
vs
vs
vs
FREQUENCY
CASE TEMPERATURE
CASE TEMPERATURE
Figure 40.
Figure 41.
Figure 42.
11


Similar Part No. - THS4302RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4302RGTR TI1-THS4302RGTR Datasheet
1Mb / 28P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
More results

Similar Description - THS4302RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4303 TI1-THS4303_14 Datasheet
1Mb / 30P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4302 TI1-THS4302_14 Datasheet
1Mb / 28P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4303 TI-THS4303 Datasheet
611Kb / 24P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
OPA682 TI1-OPA682 Datasheet
226Kb / 21P
[Old version datasheet]   Wideband, Fixed Gain BUFFER AMPLIFIER
OPA692 TI1-OPA692 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER
OPA653 TI-OPA653 Datasheet
697Kb / 19P
[Old version datasheet]   Wideband, Fixed Gain, JFET-Input AMPLIFIER
OPA653 TI-OPA653_15 Datasheet
1Mb / 26P
[Old version datasheet]   Wideband, Fixed Gain, JFET-Input AMPLIFIER
OPA3682 TI1-OPA3682 Datasheet
218Kb / 20P
[Old version datasheet]   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER
logo
Burr-Brown (TI)
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
   Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com