Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-15F2R7JV4E Datasheet(PDF) 3 Page - Johanson Technology Inc.

Part # L-15F2R7JV4E
Description  RF WIREWOUND CHIP INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

L-15F2R7JV4E Datasheet(HTML) 3 Page - Johanson Technology Inc.

  L-15F2R7JV4E Datasheet HTML 1Page - Johanson Technology Inc. L-15F2R7JV4E Datasheet HTML 2Page - Johanson Technology Inc. L-15F2R7JV4E Datasheet HTML 3Page - Johanson Technology Inc. L-15F2R7JV4E Datasheet HTML 4Page - Johanson Technology Inc. L-15F2R7JV4E Datasheet HTML 5Page - Johanson Technology Inc. L-15F2R7JV4E Datasheet HTML 6Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
24
www.johansontechnology.com
www.johansontechnology.com
RF CHaRaCTeRiSTiCS CHaRaCTeRiSTiCS (TypiCal)
Q vs Frequency for 0402 Size
0
20
40
60
80
100
120
140
160
180
100
1000
10000
Frequency (MHz)
2.2 nH
3.3 nH
5.6 nH
8.2 nH
15 nH
36 nH
L vs Frequency for 0402 Size
0
10
20
30
40
50
60
100
1000
10000
Frequency (MHz)
2.2 nH
3.3 nH
5.6 nH
8.2 nH
15 nH
36 nH
Q vs Frequency for 0603 Size
0
20
40
60
80
100
120
100
1000
10000
Frequency (MHz)
2.0 nH
10 nH
22 nH
100 nH
180 nH
L vs Frequency for 0603 Size
0
50
100
150
200
250
300
350
400
100
1000
10000
Frequency (MHz)
2.0nH
10 nH
22 nH
100 nH
180 nH
0
10
20
30
40
50
60
70
80
90
100
1000
10000
Frequency (MHz)
2.7nH
27.0nH
100nH
270nH
470nH
680nH
Q vs Frequency for 0805 Size
0
200
400
600
800
1000
1200
1400
100
1000
10000
Frequency (MHz)
2.7nH
27.0nH
100nH
270nH
470nH
680nH
L vs Frequency for 0805 Size


Similar Part No. - L-15F2R7JV4E

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-15000 RHOMBUS-IND-L-15000 Datasheet
41Kb / 1P
   Surface Mount Toroidal Inductors
L-15001 RHOMBUS-IND-L-15001 Datasheet
41Kb / 1P
   Surface Mount Toroidal Inductors
L-15002 RHOMBUS-IND-L-15002 Datasheet
41Kb / 1P
   Surface Mount Toroidal Inductors
L-15003 RHOMBUS-IND-L-15003 Datasheet
41Kb / 1P
   Surface Mount Toroidal Inductors
L-15004 RHOMBUS-IND-L-15004 Datasheet
41Kb / 1P
   Surface Mount Toroidal Inductors
More results

Similar Description - L-15F2R7JV4E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
L-14W5N6CV4E JOHANSON-L-14W5N6CV4E Datasheet
692Kb / 6P
   RF WIREWOUND CHIP INDUCTORS
L-14WR22JV4E JOHANSON-L-14WR22JV4E Datasheet
692Kb / 6P
   RF WIREWOUND CHIP INDUCTORS
logo
Cooper Bussmann, Inc.
L-07W4N3SV4T COOPER-L-07W4N3SV4T Datasheet
663Kb / 6P
   RF Wirewound Chip Inductors
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com