Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S9015 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part No. S9015
Description  Silicon Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

S9015 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  S9015_14 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited S9015_14 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited S9015_14 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited S9015_14 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Production specification
Silicon Epitaxial Planar Transistor
S9015
C084
www.gmicroelec.com
Rev.A
1
FEATURES
Complementary To S9014.
Excellent HFE Linearity.
Power dissipation.(PC=0.2W)
APPLICATIONS
Low frequency , low noise amplifier.
SOT-23
ORDERING INFORMATION
Type No.
Marking
Package Code
S9015
M6
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-50
V
VCEO
Collector-Emitter Voltage
-45
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-100
mA
PC
Collector Dissipation
200
mW
Tj,Tstg
Junction and Storage Temperature
-55 to +150
Pb
Lead-free


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn