Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPHS-EP13-2S-10P-Z Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # CPHS-EP13-2S-10P-Z
Description  Dimensions for product: EP13
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

CPHS-EP13-2S-10P-Z Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  CPHS-EP13-2S-10P-Z Datasheet HTML 1Page - Ferroxcube International Holding B.V. CPHS-EP13-2S-10P-Z Datasheet HTML 2Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EP13
Core
Product specifications
Power loss: 3F36
Measuring conditions
Unit
Max
500 kHz
W/set
0.071
50 mT
100 ºC
500 kHz
W/set
0.540
100 mT
100 ºC
Power loss: 3F46
Measuring conditions
Unit
Max
1000 kHz
W/set
0.190
50 mT
100 ºC
3000 kHz
W/set
0.057
10 mT
100 ºC
Bsat
Measuring conditions
Min
Material
Unit
25 kHz
mT
320
250 A/m
100 ºC
3C91
25 kHz
mT
340
250 A/m
100 ºC
3C96
25 kHz
mT
340
250 A/m
100 ºC
3F36
25 kHz
mT
330
250 A/m
100 ºC
3F46
Description
Accessories
Ordering code
Ordering name
CLA-EP13
432202135051
Clasp
CLA-EP13-C
432202107341
Clasp
CLI-EP13
432202100761
Clip
CPHS-EP13-1S-10P-Z
432202106181
Coil former, termoplastic, horizontal, S
CPHS-EP13-2S-10P-Z
432202106191
Coil former, termoplastic, horizontal, S
CSH-EP13-1S-10P
432202135031
Coil former, termoset, horizontal
CSH-EP13-1S-10P-T
432202101601
Coil former, termoset, horizontal
CSH-EP13-2S-10P
432202135061
Coil former, termoset, horizontal
CSHS-EP13-1S-10P-T
432202103201
Coil former, termoset, horizontal, SMD
SPR-EP13
432202135041
Spring
2016


Similar Part No. - CPHS-EP13-2S-10P-Z

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CPHS-EP13-2S-10P-Z FERROXCUBE-CPHS-EP13-2S-10P-Z Datasheet
25Kb / 1P
   EP cores and acces sories
More results

Similar Description - CPHS-EP13-2S-10P-Z

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CLA-EP10 FERROXCUBE-CLA-EP10_17 Datasheet
78Kb / 2P
   Dimensions for product: EP10
CSH-EP10-1S-8P FERROXCUBE-CSH-EP10-1S-8P_17 Datasheet
78Kb / 2P
   Dimensions for product: EP10
CLI-EP10 FERROXCUBE-CLI-EP10_17 Datasheet
78Kb / 2P
   Dimensions for product: EP10
CSHS-EP10-1S-8P-T FERROXCUBE-CSHS-EP10-1S-8P-T_17 Datasheet
78Kb / 2P
   Dimensions for product: EP10
SPR-EP10 FERROXCUBE-SPR-EP10_17 Datasheet
78Kb / 2P
   Dimensions for product: EP10
CSH-EP10-2S-8P FERROXCUBE-CSH-EP10-2S-8P_17 Datasheet
78Kb / 2P
   Dimensions for product: EP10
CP-P9-5-1S-A FERROXCUBE-CP-P9-5-1S-A Datasheet
68Kb / 1P
   Dimensions for product: P9/5
CP-P14-8-1S FERROXCUBE-CP-P14-8-1S Datasheet
81Kb / 2P
   Dimensions for product: P14/8
CP-P18-11-3S-A FERROXCUBE-CP-P18-11-3S-A Datasheet
81Kb / 2P
   Dimensions for product: P18/11
CP-P26-16-1S-A FERROXCUBE-CP-P26-16-1S-A Datasheet
81Kb / 2P
   Dimensions for product: P26/16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com