Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLA-EP13-C Datasheet(PDF) 1 Page - Ferroxcube International Holding B.V.

Part # CLA-EP13-C
Description  Dimensions for product: EP13
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

CLA-EP13-C Datasheet(HTML) 1 Page - Ferroxcube International Holding B.V.

  CLA-EP13-C Datasheet HTML 1Page - Ferroxcube International Holding B.V. CLA-EP13-C Datasheet HTML 2Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EP13
Core
Product specifications
Value
Inductance factor
Tol +
Tol -
Unit
Material
3C91
nH/turns²
25%
25%
1700
3C96
nH/turns²
25%
25%
1500
3F36
nH/turns²
25%
25%
1000
3F46
nH/turns²
25%
25%
660
Power loss: 3C91
Measuring conditions
Unit
Max
100 kHz
W/set
0.240
200 mT
60 ºC
Power loss: 3C96
Measuring conditions
Unit
Max
100 kHz
W/set
0.210
200 mT
100 ºC
400 kHz
W/set
0.085
50 mT
100 ºC
Power loss: 3F36
Measuring conditions
Unit
Max
Symbol
Effective parameters
Parameter
Value
Unit
1.24
mm⁻¹
Ve
472
mm³
Le
24.2
mm
Ae
19.5
mm²
Amin
14.9
mm²
∑(I/A)
≈ 4.7
core factor (C1)
effective volume
effective length
effective area
minimum area
m
EP13
g/set
Symbol
Nom
Tol +
Tol -
Max
Unit
Min
Dimensions for product: EP13
12.20
mm
A
0.00
0.60
12.80
12.80
8.60
mm
B
0.00
0.40
9.00
9.00
2.30
mm
C
0.10
0.10
2.50
2.40
9.70
mm
D1
0.60
0.00
10.30
9.70
4.20
mm
D2
0.00
0.30
4.50
4.50
12.70
mm
H1
0.00
0.30
13.00
13.00
9.00
mm
H2
0.40
0.00
9.40
9.00
2016


Similar Part No. - CLA-EP13-C

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CLA-EP13 FERROXCUBE-CLA-EP13 Datasheet
32Kb / 1P
   CLA-EP13
CLA-EP13 FERROXCUBE-CLA-EP13 Datasheet
26Kb / 1P
   EP cores and accessories
More results

Similar Description - CLA-EP13-C

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CLA-EP10 FERROXCUBE-CLA-EP10_17 Datasheet
78Kb / 2P
   Dimensions for product: EP10
CSH-EP10-1S-8P FERROXCUBE-CSH-EP10-1S-8P_17 Datasheet
78Kb / 2P
   Dimensions for product: EP10
CLI-EP10 FERROXCUBE-CLI-EP10_17 Datasheet
78Kb / 2P
   Dimensions for product: EP10
CSHS-EP10-1S-8P-T FERROXCUBE-CSHS-EP10-1S-8P-T_17 Datasheet
78Kb / 2P
   Dimensions for product: EP10
SPR-EP10 FERROXCUBE-SPR-EP10_17 Datasheet
78Kb / 2P
   Dimensions for product: EP10
CSH-EP10-2S-8P FERROXCUBE-CSH-EP10-2S-8P_17 Datasheet
78Kb / 2P
   Dimensions for product: EP10
CP-P9-5-1S-A FERROXCUBE-CP-P9-5-1S-A Datasheet
68Kb / 1P
   Dimensions for product: P9/5
CP-P14-8-1S FERROXCUBE-CP-P14-8-1S Datasheet
81Kb / 2P
   Dimensions for product: P14/8
CP-P18-11-3S-A FERROXCUBE-CP-P18-11-3S-A Datasheet
81Kb / 2P
   Dimensions for product: P18/11
CP-P26-16-1S-A FERROXCUBE-CP-P26-16-1S-A Datasheet
81Kb / 2P
   Dimensions for product: P26/16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com