Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPR-E20-105 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # SPR-E20-105
Description  Dimensions for product: E20/10/5
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

SPR-E20-105 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  SPR-E20-105 Datasheet HTML 1Page - Ferroxcube International Holding B.V. SPR-E20-105 Datasheet HTML 2Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E20/10/5
Core
Product specifications
Power loss: 3F36
Measuring conditions
Unit
Max
500 kHz
W/set
0.200
50 mT
100 ºC
500 kHz
W/set
1.500
100 mT
100 ºC
Bsat
Measuring conditions
Min
Material
Unit
25 kHz
mT
370
250 A/m
100 ºC
3C92
25 kHz
mT
320
250 A/m
100 ºC
3C94
25 kHz
mT
340
250 A/m
100 ºC
3C96
25 kHz
mT
340
250 A/m
100 ºC
3F36
Description
Accessories
Ordering code
Ordering name
CLA-E20/10/5
432202120162
Clasp
CPV-E20/10/5-1S-6P
432202120292
Coil former, termoplastic, vertical
CSH-E20/10/5-1S-8P-C
432202107331
Coil former, termoset, horizontal
CSH-E20/10/5-1S-8P-IZ
432202106831
Coil former, termoset, horizontal
SPR-E20/10/5
432202120222
Spring
2016


Similar Part No. - SPR-E20-105

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
SPR-E20-10-5 FERROXCUBE-SPR-E20-10-5 Datasheet
77Kb / 2P
   Dimensions for product: E20/10/5
More results

Similar Description - SPR-E20-105

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
SPR-E20-10-5 FERROXCUBE-SPR-E20-10-5 Datasheet
77Kb / 2P
   Dimensions for product: E20/10/5
CLA-E20-10-5 FERROXCUBE-CLA-E20-10-5 Datasheet
77Kb / 2P
   Dimensions for product: E20/10/5
CPV-E20 FERROXCUBE-CPV-E20 Datasheet
77Kb / 2P
   Dimensions for product: E20/10/5
CPCO-E20-6-1S-5P-TZ FERROXCUBE-CPCO-E20-6-1S-5P-TZ Datasheet
77Kb / 2P
   Dimensions for product: E20/10/6
CPH-E20-10-6-1S-8P FERROXCUBE-CPH-E20-10-6-1S-8P Datasheet
77Kb / 2P
   Dimensions for product: E20/10/6
CP-P9-5-1S-A FERROXCUBE-CP-P9-5-1S-A Datasheet
68Kb / 1P
   Dimensions for product: P9/5
CP-P9-5-1S-NC FERROXCUBE-CP-P9-5-1S-NC Datasheet
68Kb / 1P
   Dimensions for product: P9/5
CP-P9-5-2S-C FERROXCUBE-CP-P9-5-2S-C Datasheet
68Kb / 1P
   Dimensions for product: P9/5
CPV-E20-1S-6P FERROXCUBE-CPV-E20-1S-6P Datasheet
50Kb / 1P
   CPV-E20/10/5-1S-6P
CSH-EFD15-1S-8P-TZ FERROXCUBE-CSH-EFD15-1S-8P-TZ_17 Datasheet
77Kb / 2P
   Dimensions for product: EFD15/8/5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com