Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPV-E20-105-1S-6P Datasheet(PDF) 1 Page - Ferroxcube International Holding B.V.

Part # CPV-E20-105-1S-6P
Description  Dimensions for product: E20/10/5
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

CPV-E20-105-1S-6P Datasheet(HTML) 1 Page - Ferroxcube International Holding B.V.

  CPV-E20-105-1S-6P Datasheet HTML 1Page - Ferroxcube International Holding B.V. CPV-E20-105-1S-6P Datasheet HTML 2Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E20/10/5
Core
Product specifications
Value
Inductance factor
Tol +
Tol -
Unit
Material
3C92
nH/turns²
25%
25%
1170
3C94
nH/turns²
25%
25%
1500
3C96
nH/turns²
25%
25%
1400
3F36
nH/turns²
25%
25%
1000
Power loss: 3C92
Measuring conditions
Unit
Max
100 kHz
W/set
0.670
200 mT
100 ºC
Power loss: 3C94
Measuring conditions
Unit
Max
100 kHz
W/set
0.670
200 mT
100 ºC
Power loss: 3C96
Measuring conditions
Unit
Max
100 kHz
W/set
0.600
200 mT
100 ºC
400 kHz
W/set
0.240
50 mT
100 ºC
Symbol
Effective parameters
Parameter
Value
Unit
1.37
mm⁻¹
Ve
1340
mm³
Le
42.8
mm
Ae
31.2
mm²
Amin
25.2
mm²
∑(I/A)
≈ 4
core factor (C1)
effective volume
effective length
effective area
minimum area
m
E20/10/5
g/pcs
Symbol
Nom
Tol +
Tol -
Max
Unit
Min
Dimensions for product: E20/10/5
19.60
mm
A
0.00
1.10
20.70
20.70
12.80
mm
B
0.80
0.00
13.60
12.80
4.80
mm
C
0.00
0.40
5.20
5.20
9.80
mm
D
0.20
0.20
10.20
10.00
6.30
mm
E
0.40
0.00
6.70
6.30
4.90
mm
F
0.00
0.40
5.30
5.30
2016


Similar Part No. - CPV-E20-105-1S-6P

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CPV-E20-1S-6P FERROXCUBE-CPV-E20-1S-6P Datasheet
50Kb / 1P
   CPV-E20/10/5-1S-6P
More results

Similar Description - CPV-E20-105-1S-6P

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
SPR-E20-10-5 FERROXCUBE-SPR-E20-10-5 Datasheet
77Kb / 2P
   Dimensions for product: E20/10/5
CLA-E20-10-5 FERROXCUBE-CLA-E20-10-5 Datasheet
77Kb / 2P
   Dimensions for product: E20/10/5
CPV-E20 FERROXCUBE-CPV-E20 Datasheet
77Kb / 2P
   Dimensions for product: E20/10/5
CPCO-E20-6-1S-5P-TZ FERROXCUBE-CPCO-E20-6-1S-5P-TZ Datasheet
77Kb / 2P
   Dimensions for product: E20/10/6
CPH-E20-10-6-1S-8P FERROXCUBE-CPH-E20-10-6-1S-8P Datasheet
77Kb / 2P
   Dimensions for product: E20/10/6
CP-P9-5-1S-A FERROXCUBE-CP-P9-5-1S-A Datasheet
68Kb / 1P
   Dimensions for product: P9/5
CP-P9-5-1S-NC FERROXCUBE-CP-P9-5-1S-NC Datasheet
68Kb / 1P
   Dimensions for product: P9/5
CP-P9-5-2S-C FERROXCUBE-CP-P9-5-2S-C Datasheet
68Kb / 1P
   Dimensions for product: P9/5
CPV-E20-1S-6P FERROXCUBE-CPV-E20-1S-6P Datasheet
50Kb / 1P
   CPV-E20/10/5-1S-6P
CSH-EFD15-1S-8P-TZ FERROXCUBE-CSH-EFD15-1S-8P-TZ_17 Datasheet
77Kb / 2P
   Dimensions for product: EFD15/8/5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com