Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC807 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # BC807
Description  PNP General Purpose Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BC807 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  BC807 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BC807 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BC807 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited BC807 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited BC807 Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Production specification
PNP General Purpose Amplifier
BC807-16/-25/-40
C041
www.gmicroelec.com
Rev.B
1
FEATURES
For general AF applications
Complementary NPN type available
BC817
High collector current
High current gain
Low collector-emitter saturation voltage
SOT-23
ORDERING INFORMATION
Type No.
Marking
Package Code
BC807-16
5A
SOT-23
BC807-25
5B
SOT-23
BC807-40
5C
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-50
V
VCEO
Collector-Emitter Voltage
-45
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-500
mA
PD
Total Device Dissipation
300
mW
RθjA
Thermal Resistance Junction to Ambient
417
/W
Tj,Tstg
Junction and Storage Temperature
-55 to +150
Pb
Lead-free


Similar Part No. - BC807

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC807 PHILIPS-BC807 Datasheet
47Kb / 8P
   PNP general purpose transistor
1999 Apr 08
logo
Kingtronics Internation...
BC807 KINGTRONICS-BC807 Datasheet
296Kb / 2P
   Collector Base Voltage
logo
Diotec Semiconductor
BC807 DIOTEC-BC807 Datasheet
175Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Jinan Jing Heng Electro...
BC807 JINGHENG-BC807 Datasheet
1Mb / 5P
   PNP Plastic-Encapsulate Transistors
logo
KEC(Korea Electronics)
BC807 KEC-BC807 Datasheet
41Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

Similar Description - BC807

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com