Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5400AT18A1000E Datasheet(PDF) 1 Page - Johanson Technology Inc.

Part # 5400AT18A1000E
Description  5.4 GHz Wideband Antenna
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

5400AT18A1000E Datasheet(HTML) 1 Page - Johanson Technology Inc.

  5400AT18A1000E Datasheet HTML 1Page - Johanson Technology Inc. 5400AT18A1000E Datasheet HTML 2Page - Johanson Technology Inc. 5400AT18A1000E Datasheet HTML 3Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5.4 GHz Wideband Antenna
P/N 5400AT18A1000
Detail Specification: 01/27/2011
Page 1 of 3
General Specifications
Part Number
Operating Temperature
Frequency Range
Reel Quanity
Peak Gain
Average Gain
Return Loss
Input Power
No.
Function
Terminal Configuration
Impedance
1
Feeding Point
2
NC
Mechanical Dimensions
In
mm
L
±±
W
±±
T
a
±±
Mounting Considerations
Mount these devices with brown mark facing up. Units: mm
*Line width should be designed to provide 50Ω impedance matching characteristics.
a) Without Matching Circuits
b) With Matching Circuits
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
www.johansontechnology.com
4001 Calle Tecate • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2011 Johanson Technology, Inc. All Rights Reserved
Storage Temperature
+5 to +35°C, Humidity:45-
75%RH, 18 mos. Max
500mW max.
50 Ω
5400AT18A1000
3,000
-40 to +85°C
8.5 dB min.
-2.5 dBi typ. (XZ-V)
2.0 dBi typ. (XZ-V)
4900 - 5900 Mhz
0.20
0.50
0.30
+0.1/-0.2
0.063
0.051
1.60
+.004/-.008
0.008
"High Frequency Ceramic Solutions"
0.008
0.126
3.20
0.20
1.30
0.020
0.012
1
2
L
W
a
T
*
2.6
4.2
1.6
1.9
0.4
6.8 pF
1.0 nH
2.2nH
JTI P/N for Matching Circuit:
Cap (6.8pF): 500R07S6R8BV4T
Inductor (1.0nH): L-07C1N0SV6T
Inductor (2.2nH): L-07C2N2SV6T
*
2.6
4.2
1.6
1.9
0.4
0.8
0.8
0.8
1.7
0Ω
0Ω


Similar Part No. - 5400AT18A1000E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
5400AT18A1000 JOHANSON-5400AT18A1000 Datasheet
449Kb / 3P
   5.4 GHz Antenna
More results

Similar Description - 5400AT18A1000E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
5400AT18A1000 JOHANSON-5400AT18A1000 Datasheet
449Kb / 3P
   5.4 GHz Antenna
2600AT44A0600 JOHANSON-2600AT44A0600 Datasheet
307Kb / 4P
   2.6 GHz Wideband Chip Antenna
5400BL15K050 JOHANSON-5400BL15K050 Datasheet
97Kb / 2P
   5.4 GHz Balun
5400BL14B100 JOHANSON-5400BL14B100 Datasheet
142Kb / 2P
   5.4 GHz Balun
5425BP15A1050 JOHANSON-5425BP15A1050 Datasheet
197Kb / 2P
   5.4 GHz Band Pass Filter
5425BP15A1050E JOHANSON-5425BP15A1050E Datasheet
197Kb / 2P
   5.4 GHz Band Pass Filter
logo
Taoglas antenna solutio...
FXUB65.07.0180C TAOGLAS-FXUB65.07.0180C Datasheet
1Mb / 15P
   Flexible Wideband Antenna
FXUB68.07.0180C TAOGLAS-FXUB68.07.0180C Datasheet
7Mb / 15P
   Flexible Wideband Antenna
GA110101111 TAOGLAS-GA110101111 Datasheet
1Mb / 12P
   Magnetic UltraMount Ultra-Wideband Wideband Antenna
TL.10.1HH11W TAOGLAS-TL.10.1HH11W_17 Datasheet
2Mb / 22P
   WIDEBAND DIRECT MOUNT ANTENNA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com