Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03W00K-000 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 03W00K-000
Description  Gauge Jack
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

03W00K-000 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  03W00K-000 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 03W00K-000 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Techn
RPC-3
RPC-2
Rosenberge
P.O.Box 12
www.rosenb
All dimen
Docum
Applicati
Materia
Connec
Center
Couplin
Gauge
Mechan
Gauge b
Gauge ra
Scale gr
Limit of m
Typical m
Measurin
1 When ze
2 0.12 mm
nical Dat
3.50
2.92
G
er Hochfreque
60
D-8452
berger.de
nsions are in
ents
ion note
al and plati
tor parts
and outer co
ng nut
block body
nical data
block nomina
ange
radation
measuremen
measuremen
ng force
roed with gauge
recession to 0.
a Sheet
Gauge Ja
enztechnik Gm
26 Tittmoning
n mm; toleran
ng
ontact
al gauge
nt error
1, 2
nt error
1, 2
e block
04 mm protrusi
ack
mbH & Co. KG
Germany
nces accordi
on
G
y
T
E
ing to ISO 27
AN001 “Cali
Material
Stainless ste
Stainless ste
Stainless ste
0.00 mm
0.00 mm ± 0
1 µm
≤ 10 µm
≤ 6 µm
1.5 N
03W
Tel. : +49 868
Email : info@ro
768 m-H
ibration Serv
Platin
eel
N/A
eel
Passiv
eel
N/A
0.5 mm
W00K-0
84 18-0
osenberger.de
vices”
g
vated
000
e
Pa
1 /
age
/ 2


Similar Part No. - 03W00K-000

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
03W00K-000 ROSENBERGER-03W00K-000 Datasheet
67Kb / 2P
   GAUGE KIT
03W00K-000 ROSENBERGER-03W00K-000 Datasheet
142Kb / 3P
   RPC-3.50 Calibration Kit
More results

Similar Description - 03W00K-000

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
01W00K-000 ROSENBERGER-01W00K-000 Datasheet
804Kb / 2P
   Gauge Jack
08W00K-000 ROSENBERGER-08W00K-000 Datasheet
556Kb / 2P
   Gauge Jack
06W00K-000 ROSENBERGER-06W00K-000 Datasheet
845Kb / 2P
   RPC-TNC Gauge Jack
60W00K-000 ROSENBERGER-60W00K-000 Datasheet
1Mb / 2P
   7-16 Gauge Jack
logo
Neutrik AG
LFJ-501 NEUTRIK-LFJ-501 Datasheet
72Kb / 2P
   Longframe B-Gauge jack, standard solder lugs
logo
Rosenberger Hochfrequen...
05GK0KS-010 ROSENBERGER-05GK0KS-010 Datasheet
68Kb / 2P
   GAUGE KIT
03W00S-000 ROSENBERGER-03W00S-000 Datasheet
167Kb / 2P
   Gauge Plug
logo
Festo Corporation.
548009 FESTO-548009 Datasheet
106Kb / 2P
   Pressure gauge
8/10/22
8090378 FESTO-8090378 Datasheet
104Kb / 1P
   Pressure gauge
8/10/22
4601 FESTO-4601 Datasheet
90Kb / 1P
   Pressure gauge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com