Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03S121-S20S3 Datasheet(PDF) 3 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 03S121-S20S3
Description  Calibration Adaptor Plug
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

03S121-S20S3 Datasheet(HTML) 3 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  03S121-S20S3 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 03S121-S20S3 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 03S121-S20S3 Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Technical Data Sheet
RPC-3.50
Calibration Adaptor
Plug/Plug
03S121-S20S3
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
3 / 3
Declaration of calibration options
Factory Calibration
Standard delivery for this calibration standard includes a Factory Calibration. The Calibration Certificate
issued reports individual calibration results, traceable to national / international standards. Model based
standard definitions are reported in an Agilent/Keysight, Rohde & Schwarz and Anritsu compatible VNA
format.
Accredited Calibration
Optional this calibration standard can be delivered with an Accredited Calibration (DAkkS) having the
highest confidence in the traceability. The DAkkS Calibration Certificate issued reports individual calibration
results in a complex format, traceable to national / international standards. Model based standard
definitions are reported in an Agilent/Keysight, Rohde & Schwarz and Anritsu compatible VNA format. The
uncertainties are smaller than in a Factory Calibration.
For further, more detailed information see application note AN001 on the Rosenberger homepage.
Calibration interval
Recommendation
12 months
Packing
Standard
1 pce in box
Weight
10.0 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Herbert Babinger
15.10.14
Markus Müller
17.10.16
h00
16-1390
Marion Striegler
17.10.16
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 03S121-S20S3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
03S121-S20S3 ROSENBERGER-03S121-S20S3 Datasheet
142Kb / 3P
   RPC-3.50 Calibration Kit
More results

Similar Description - 03S121-S20S3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
74S121-S20S3 ROSENBERGER-74S121-S20S3 Datasheet
580Kb / 3P
   Calibration Adaptor Plug
74S121-K20S3 ROSENBERGER-74S121-K20S3 Datasheet
582Kb / 3P
   Calibration Adaptor Plug/JAck
05S121-K20S3 ROSENBERGER-05S121-K20S3 Datasheet
551Kb / 3P
   Calibration Adaptor Plug/Jack
03S121-K20S3 ROSENBERGER-03S121-K20S3 Datasheet
578Kb / 3P
   Calibration Adaptor Plug/Jack
09S121-S20S3 ROSENBERGER-09S121-S20S3 Datasheet
88Kb / 3P
   Calibration Adaptor
P5S174-K20S3 ROSENBERGER-P5S174-K20S3 Datasheet
86Kb / 2P
   Calibration Adaptor
51K121-K20S3 ROSENBERGER-51K121-K20S3 Datasheet
94Kb / 3P
   Calibration Adaptor
64S121-S20S3 ROSENBERGER-64S121-S20S3 Datasheet
561Kb / 3P
   Calibration Adaptor
64S121-K20S3 ROSENBERGER-64S121-K20S3 Datasheet
571Kb / 3P
   Calibration Adaptor
03K128-K20N3 ROSENBERGER-03K128-K20N3 Datasheet
506Kb / 3P
   Calibration Adaptor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com